Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBP-M987-01-1002-B Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # DBP-M987-01-1002-B
Description  TaNFilm Precision Molded DIP Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

DBP-M987-01-1002-B Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  DBP-M987-01-1002-B Datasheet HTML 1Page - IRC - a TT electronics Company. DBP-M987-01-1002-B Datasheet HTML 2Page - IRC - a TT electronics Company. DBP-M987-01-1002-B Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M900 Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Molded
DIP Resistor Network
1
1
2
3
R1
R1
3
R1
R1
N
2
1
N
Schematic B
Bussed
(highest number pin is common)
Note: N = number of pads
Schematic A
Isolated
Schematic Data
Environmental Data
Test Per MIL-PRF-83401
MIL-PRF-83401 Limits (Delta R%)
TaNFilm Test Data (Delta R%)
M
K
H
Max
Typical
Thermal Shock And Power Conditioning
0.7
0.7
0.5
0.10
0.02
Low Temperature Operation
0.5
0.25
0.1
0.1
0.02
Short-term Overload
0.5
0.25
0.1
0.05
0.02
Terminal Strength
0.25
0.25
0.25
0.1
0.02
Resistance To Solder Heat
0.25
0.25
0.1
0.1
0.02
Moisture Resistance
0.5
0.5
0.4
0.1
0.02
Shock
0.25
0.25
0.25
0.1
0.02
Vibration
0.25
0.25
0.25
0.1
0.02
Life
2.0
0.5
0.5
0.1
0.02
High Temperature Exposure
1.0
0.5
0.2
0.1
0.02
Low Temperature Storage
0.5
0.25
0.1
0.1
0.02
25°C Double Load
2.0
0.5
0.5
0.05
0.02


Similar Part No. - DBP-M987-01-1002-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results

Similar Description - DBP-M987-01-1002-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Vishay Siliconix
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
   Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
   Molded Precision Current Sensing Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com