Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220D30BMR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6220D30BMR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D30BMR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6220D30BMR Datasheet HTML 3Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 4Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 5Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 6Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 7Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 8Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 9Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 10Page - Torex Semiconductor XC6220D30BMR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/30
XC6220
Series
Voltage Chart 1
OUTPUT
VOLTAGE 1
HS Mode)
(V)
OUTPUT
VOLTAGE 2
(PS Mode)
(V)
DROPOUT
VOLTAGE 1
Vdif 1 (mV)
IOUT=300mA
DROPOUT
VOLTAGE 2
Vdif 2 (mV)
IOUT=1000mA
SUPPLY
CURRENT 1
(XC6220C/D )
(μA)
SUPPLY
CURRENT 2
(XC6220C/D )
(μA)
PS
SWITCH
DELAY
TIME
(μs)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT
VOUT
Vdif
Vdif
ISS1
ISS2
tDPS
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
MAX.
MAX.
MAX.
MAX.
0.80
0.7800
0.8200
0.7600
0.8400
112.500
22.500
0.85
0.8300
0.8700
0.8100
0.8900
112.625
22.625
0.90
0.8800
0.9200
0.8600
0.9400
112.750
22.750
0.95
0.9300
0.9700
0.9100
0.9900
400
575
112.875
22.875
1.00
0.9800
1.0200
0.9600
1.0400
113.000
23.000
1.05
1.0300
1.0700
1.0100
1.0900
240
405
113.125
23.125
1.10
1.0800
1.1200
1.0600
1.1400
113.250
23.250
1.15
1.1300
1.1700
1.1100
1.1900
180
305
113.375
23.375
1.20
1.1800
1.2200
1.1600
1.2400
113.500
23.500
1.25
1.2300
1.2700
1.2100
1.2900
113.625
23.625
1.30
1.2800
1.3200
1.2600
1.3400
113.750
23.750
1.35
1.3300
1.3700
1.3100
1.3900
113.875
23.875
1.40
1.3800
1.4200
1.3600
1.4400
114.000
24.000
1.45
1.4300
1.4700
1.4200
1.4800
150
215
460
114.125
24.125
1.50
1.4800
1.5200
1.4700
1.5300
114.250
24.250
1.55
1.5300
1.5700
1.5100
1.5900
114.375
24.375
650
1.60
1.5800
1.6200
1.5600
1.6400
114.500
24.500
1.65
1.6300
1.6700
1.6100
1.6900
114.625
24.625
1.70
1.6800
1.7200
1.6600
1.7400
114.750
24.750
1.75
1.7300
1.7700
1.7100
1.7900
100
150
114.875
24.875
1.80
1.7800
1.8200
1.7600
1.8400
115.000
25.000
1.85
1.8300
1.8700
1.8100
1.8900
115.125
25.125
1.90
1.8800
1.9200
1.8600
1.9400
115.250
25.250
1.95
1.9300
1.9700
1.9100
1.9900
115.375
25.375
2.00
1.9800
2.0200
1.9600
2.0400
115.500
25.500
2.05
2.0295
2.0705
2.0090
2.0910
115.625
25.625
2.10
2.0790
2.1210
2.0580
2.1420
115.750
25.750
2.15
2.1285
2.1715
2.1070
2.1930
115.875
25.875
2.20
2.1780
2.2220
2.1560
2.2440
116.000
26.000
2.25
2.2275
2.2725
2.2050
2.2950
116.125
26.125
2.30
2.2770
2.3230
2.2540
2.3460
116.250
26.250
2.35
2.3265
2.3735
2.3030
2.3970
116.375
26.375
2.40
2.3760
2.4240
2.3520
2.4480
116.500
26.500
2.45
2.4255
2.4745
2.4010
2.4990
85
130
116.625
26.625
2.50
2.4750
2.5250
2.4500
2.5500
116.750
26.750
2.55
2.5245
2.5755
2.4990
2.6010
116.875
26.875
850
2.60
2.5740
2.6260
2.5480
2.6520
117.000
27.000
2.65
2.6235
2.6765
2.5970
2.7030
117.125
27.125
2.70
2.6730
2.7270
2.6460
2.7540
117.250
27.250
2.75
2.7225
2.7775
2.6950
2.8050
117.375
27.375
2.80
2.7720
2.8280
2.7440
2.8560
117.500
27.500
2.85
2.8215
2.8785
2.7930
2.9070
117.625
27.625
2.90
2.8710
2.9290
2.8420
2.9580
117.750
27.750
2.95
2.9205
2.9795
2.8910
3.0090
65
110
655
117.875
27.875
1200
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6220D30BMR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220D30BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com