Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220D50BMR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6220D50BMR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D50BMR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6220D50BMR Datasheet HTML 2Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 3Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 4Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 5Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 6Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 7Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 8Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 9Page - Torex Semiconductor XC6220D50BMR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
XC6220 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VIN=5.75VDC+0.5Vp-pAC
4.75V≦VOUT(T)≦5.0V
High Speed Mode (HS), VCE=VIN
IOUT=30mA, f=1kHz
VIN={VOUT(T)+1.0}
VDC+0.5Vp-pAC
0.85V≦VOUT(T)≦4.7V
High Speed Mode (HS), VCE=VIN
IOUT=30mA、f=1kHz
Ripple Rejection Rate
PSRR
VIN=1.85VDC+0.5Vp-pAC
VOUT(T)=0.8V
High Speed Mode (HS), VCE=VIN
IOUT=30mA, f=1kHz
-
50
-
dB
VCE=VIN= VOUT(T)+1.0V
0.8V≦VOUT(T)≦1.15V
705
1200
-
Limit Current
ILIM
VCE=VIN
VIN= VOUT(T)+1.0V
1.2V≦VOUT(T)≦5.0V
1005
1200
-
mA
Short Current
ISHORT
VCE=VIN
Short VOUT to VSS level
-
180
-
mA
PS Switching Current
IGOR
1.45V≦VOUT(T)≦5.0V
VIN=VOUT(T)+1.0V, VCE=“H ”Level
0.8V≦VOUT(T)≦1.4V
VIN=1.6V, VCE=“H ”Level
IOUT=heavy to light load
1.0
2.0
-
mA
HS Switching Current
IGO
1.45V≦VOUT(T)≦5.0V
VIN=VOUT(T)+1.0V, VCE=“H ”Level
0.8V≦VOUT(T)≦1.4V
VIN=1.6V, VCE=“H ”Level
IOUT=light to heavy load
-
5.0
10
mA
Switch Current
Hysteresis Range
IGOhys
IGOhys=IGO-IGOR
-
3.0
-
mA
PS Switching Delay Time
tDPS
VCE=VIN=VOUT(T)+1.0V,
(HS/PS Auto-Switching)
Time until HS mode is changed-over to
PS mode by IGOR.
see the Voltage Chart
μ
s
CE High Level Voltage
VCEH
VCE=VIN
1.2
-
6.0
V
CE Low Level Voltage
VCEL
VCE=VSS
-
-
0.3
V
VCE=VIN (A/B series)
-0.1
-
0.1
μ
A
CE High Level Current
ICEH
VCE=VIN=6.0V (C/D series)
-
9
15
μ
A
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
CL Discharge Resistance
(*7)
RDCHG
VIN=6.0V, VOUT=5.0V, VCE= VSS
-
460
-
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
135
-
Inrush Current
IRUSH
VIN=VOUT(T)+1.0V、CL=22μF
VCE=0V→VOUT(T)+1.0V
(Only when rising and within 1ms)
-
-
700
mA
NOTE:
*1: Unless otherwise stated, VIN=VOUT (T) +1.0V.
*2: VOUT (E)= Effective output voltage (see the voltage chart)
(ie. The output voltage when “VOUT (T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value.
*3: VOUT (T): Nominal output voltage
*4: Vdif={VIN1
(*6) - VOUT1(*5)}
*5: VOUT1=A voltage equal to 98% of the VOUT(T) when an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode.
*6: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
*7: For the XC6220B/D series only. The XC6220A/C series (semi-custom) discharges by resistors R1 and R2 only as shown in the block
diagrams.
*8: For the XC6220A/C series, output voltage rises when the IC is in the high temperature stand-by mode.
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6220D50BMR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220D50BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com