Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220B501MR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6220B501MR-G
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220B501MR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6220B501MR-G Datasheet HTML 5Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 6Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 7Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 8Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 9Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 10Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 11Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 12Page - Torex Semiconductor XC6220B501MR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
XC6220
Series
RCE
CE
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
CE/
The voltage divided by resistors R1 & R2 is compared
with the internal reference voltage by the error amplifier.
The P-channel MOSFET which is connected to the VOUT
pin is then driven by the subsequent output signal. The
output voltage at the VOUT pin is controlled & stabilized
by a system of negative feedback. The current limit
circuit and short protect circuit operate in relation to the
level of output current. The GO function monitors the
output current and switches the IC between two
operating modes according to the level of output
current. Further, the IC's internal circuitry can be
shutdown via the CE pin's signal.
<Low ESR capacitor>
The XC6220 series has a built-in phase compensation circuit which means that a stable output voltage is achieved even if
the IC is used with low ESR capacitors. In order to ensure stable phase compensation it is recommended that a CL capacitor
is connected as close as possible to the VOUT pin and VSS pin. For a stable power supply, please connect an input capacitor
(CIN) between the VIN pin and the VSS pin.
Values required for the phase compensation are shown in the chart below. If a loss of the capacitance happens, the stable
phase compensation may not be obtained. Please ensure to use a capacitor which does not depend on bias or temperature
too much.
Recommended output capacitor (CL) Values corresponding to input capacitor (CIN)
INPUT CAPACITOR VALUE
OUTPUT VOLTAGE (V)
4.7μF
10μF
22μF
0.80V~0.95V
×
×
22μF
1.00V~1.45V
47μF
47μF
22μF
1.50V~1.75V
47μF
22μF
10μF
1.80V~2.95V
47μF
6.8μF
6.8μF
3.00V~3.50V
47μF
4.7μF
4.7μF
3.55V~5.00V
47μF
10μF
6.8μF
× No option
<Current Limiter, Short-Circuit Protection>
The XC6220 series includes a fold-back circuit, which aids the operation of the current limiter and circuit protection. When
the load current reaches the current limit level, the fold-back circuit operates and output voltage drops. As a result of this drop
in output voltage, output current also decreases. When the output pin is shorted, a current of about 180mA flows.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6220 series. With the XC6220B/D
series, output at the VOUT pin will be pulled down to the VSS level. However, with XC6220A/B series, the CL auto-discharge
resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, the time until the
VOUT pin reaches the VSS level is shortened. The output voltage becomes unstable, when the CE pin is open. If this IC is
used with the correct output voltage for the CE pin, the logic is fixed and the IC will operate normally. However, with the
XC6220C/D series, supply current may increase as a result of through current in the IC's internal circuitry when medium
voltage is input.
OPERATIONAL EXPLANATION
<GreenOperation>
The XC6220 series always operates in a green operation (GO) mode.
The GO mode enables the IC to switch automatically between the high
speed (HS) mode or the power save (PS) mode according to the level of
output current. The switching point of the HS mode and the PS mode is
fixed inside the IC. When the output current becomes IGOR=1.0mA (MIN.)
or below, the mode changes automatically to the PS mode after a delay
time of hundreds of microseconds. Supply current in light load is greatly
reduced. Also when the output current becomes IGO 10mA (MAX.) or
more, the mode changes automatically to the HS mode and the IC
returns to high speed operation.
XC6220x 301
0
10
20
30
40
50
0
5
10
15
20
Output Current: IOUT (mA)
CE=V
IN, Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)


Similar Part No. - XC6220B501MR-G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220B501MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com