Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6221A30AGR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6221A30AGR-G
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221A30AGR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6221A30AGR-G Datasheet HTML 1Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 2Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 3Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 4Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 5Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 6Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 7Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6221A30AGR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
XC6221 Series
XC6221Cシリーズ
CE
V IN
V SS
V OUT
R1
R2
Error
Amp
-
+
Voltage
Reference
Current
Limit
each
circuit
ON/OFF
Control
CE
CE/
R Pull
-down
CE
V IN
V SS
V OUT
R1
R2
Error
Amp
-
+
Voltage
Reference
Current
Limit
XC6221Aシリーズ
each
circuit
ON/OFF
Control
CE
CE/
CE
V IN
V SS
V OUT
R1
R2
Error
Amp
-
+
Voltage
Reference
Current
Limit
CE/
Rdischg
XC6221Bシリーズ
each
circuit
ON/OFF
Control
CE
CE/
each
circuit
ON/OFF
Control
CE
VIN
V SS
VOUT
R1
R2
Error
Amp
-
+
CE
CE/
Voltage
Reference
Current
Limit
CE/
Rdischg
XC6221Dシリーズ
R Pull
-down
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS -0.3 ~ +6.5
V
Output Current
IOUT
400
(*1)
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS – 0.3 ~ +6.5
V
USP-4
120
SOT-25
250
SSOT-24
150
Power Dissipation
USPN-4
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ +125
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
*1 IOUT=Less than Pd / (VIN-VOUT)
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
BLOCK DIAGRAMS
XC6221A Series
XC6221B Series
XC6221C Series
XC6221D Series


Similar Part No. - XC6221A30AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6221A30AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com