Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1834 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC1834
Description  High Efficiency Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1834 Datasheet(HTML) 2 Page - Texas Instruments

  UC1834 Datasheet HTML 1Page - Texas Instruments UC1834 Datasheet HTML 2Page - Texas Instruments UC1834 Datasheet HTML 3Page - Texas Instruments UC1834 Datasheet HTML 4Page - Texas Instruments UC1834 Datasheet HTML 5Page - Texas Instruments UC1834 Datasheet HTML 6Page - Texas Instruments UC1834 Datasheet HTML 7Page - Texas Instruments UC1834 Datasheet HTML 8Page - Texas Instruments UC1834 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Supply Voltage, VIN + . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Driver Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mA
Driver Source to Sink Voltage . . . . . . . . . . . . . . . . . . . . . . . 40V
Crowbar Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−200mA
+1.5V Reference Output Current . . . . . . . . . . . . . . . . . .
−10mA
Fault Alert Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Fault Alert Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA
Error Amplifier Inputs . . . . . . . . . . . . . . . . . . . . . .
−0.5V to 35V
Current Sense Inputs . . . . . . . . . . . . . . . . . . . . . .
−0.5V to 40V
O.V. Latch Output Voltage . . . . . . . . . . . . . . . . . .
−0.5V to 40V
O.V. Latch Output Current . . . . . . . . . . . . . . . . . . . . . . . . 15mA
Power Dissipation at TA = 25°C . . . . . . . . . . . . . . . . . . 1000mW
Power Dissipation at TC = 25°C. . . . . . . . . . . . . . . . . . 2000mW
Operating Junction Temperature . . . . . . . . . .
−55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Lead Temperature (soldering, 10 seconds). . . . . . . . . . . 300°C
Note 1: Voltages are reference to VIN
−, Pin 5.
Currents are positive into, negative out of the specified
terminals.
Consult Packaging section of Databook for thermal
limitations and considerations of package.
UC1834
UC2834
UC3834
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (TOP VIEW)
J or N Package, DW Package
PLCC-20, LCC-20 (TOP VIEW)
Q, L Packages
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
VIN +
2
−2.0V REF
3
+1.5V REF
4
Threshold Adjust
5
N/C
6
VIN
7
Sense
8
Sense+
9
N.Inv. Input
10
N/C
11
Inv. Input
12
Fault Alert
13
Fault Delay
14
Driver Sink
15
N/C
16
Driver Source
17
Compensation/ Shutdown
18
O.V. Latch Output/Reset
19
Crowbar Gate
20
2


Similar Part No. - UC1834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834-DIE TI-UC1834-DIE Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834-SP TI-UC1834-SP Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
More results

Similar Description - UC1834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com