Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6222C50BMR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6222C50BMR-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222C50BMR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6222C50BMR-G Datasheet HTML 1Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 2Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 3Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 4Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 5Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 6Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 7Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 8Page - Torex Semiconductor XC6222C50BMR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
XC6222 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)>2.0V
VCE=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
Output Voltage
VOUT(E)
(*2)
VOUT≦2.0V
VCE=VIN, IOUT=10mA
-0.02
(*3)
VOUT(T)
(*4)
+0.02
(*3)
V
VCE=VIN, VIN=VOUT(T)+1.0V
VOUT(T)≧1.5V
Output Current
IOUTMAX
VCE=VIN, VIN=2.5V
VOUT(T)<1.5V
700
-
-
mA
Load Regulation
ΔVOUT
VCE=VIN, 0.1mA≦IOUT≦300mA
see the Voltage Chart E-1
mV
Dropout Voltage
(*5)
Vdif
IOUT=300mA, VCE=VIN
see the Voltage Chart E-2
mV
Supply Current
ISS
VIN=VCE=VOUT(T)+1.0V、
IOUT=0mA
-
100
220
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.0V
VCE=VIN, IOUT=30mA
Line Regulation
ΔVOUT/
(ΔVIN ・VOUT)
1.5V≦VIN≦6.0V
VOUT(T)≦0.95V
VCE=VIN, IOUT=30mA
-
0.01
0.1
%/V
Input Voltage
VIN
1.7
-
6.0
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa ・VOUT)
VCE=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
VOUT(T)≧1.0V
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN、IOUT=30mA、f=1kHz
Ripple Rejection Rate
PSRR
VOUT(T)<1.0V
VIN=2.0VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
-
65
-
dB
VCE=VIN, VIN=VOUT(T)+1.0V
VOUT(T)≧1.5V
Limit Current
ILIM
VCE=VIN, VIN=2.5V
VOUT(T)<1.5V
720
950
-
mA
Short Current
ISHORT
VCE=VIN
Short VOUT to VSS level
-
55
-
mA
CE High Level Voltage
VCEH
1.2
-
6.0
V
CE Low Level Voltage
VCEL
-
-
0.3
V
VCE=VIN=6.0V, XC6222A/B series
-0.1
-
0.1
μ
A
CE High Level Current
ICEH
VCE=VIN=6.0V, XC6222C/D series
17.7
24
36.9
μ
A
CE High Level Voltage
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
Reverse Current
IREV
VIN=0V, VOUT=VOUT(T), VCE= VIN or VSS
-
0.01
1.5
μ
A
VIN=VCE=5.0V, VOUT=6.0V
-
95
215
μ
A
VOUT Pin Sink Current
(*9)
IREVS
VIN=5.0V, VCE=VSS, VOUT=6.0V,
XC6222A/C Series
(*10)
-
2.8
5.3
μ
A
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
CL Discharge
Resistance
(* 11)
RDCHG
VIN=6.0V, VOUT=4.0V, VCE=VSS
XC6222B/D Series
(*1)
370
530
690
Ta=25℃
ELECTRICAL CHARACTERISTICS
XC6222 Series


Similar Part No. - XC6222C50BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222C50BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com