Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS8038MR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS8038MR-G
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8038MR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS8038MR-G Datasheet HTML 1Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 2Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 3Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 4Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 5Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 6Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 7Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 8Page - Torex Semiconductor XC25BS8038MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
XC25BS8 Series
Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
GENERAL DESCRIPTION
The XC25BS8 series is an ultra small PLL clock generator IC which can generate a high multiplier output up to 4095 from an input frequency as
low as 8kHz. The series includes a divider circuit, phase/frequency comparator, charge pump, and VCO so it is possible to configure a fully
operational circuit with a few external components like one low-pass filter capacitor. The Input divider ratio (M) can be selected from a range of 1
to 2047, the output divider ratio (N) can be selected from a range of 1 to 4095 and they are set internally by using laser timing technologies.
Output frequency (fQ0) is equal to input clock frequency (fCLKin) multiplied by N/M. Output frequency range is 1MHz to 100MHz. Reference clock
from 8kHz to 36MHz can be input as the input clock. The IC stops operation and current drain is suppressed when a low level signal is input to the
CE pin which greatly reduces current consumption and produces a high impedance output.
The setting of the input divider ratio (M), output divider ratio (N), and charge pump current (Ip) are factory fixed semi-custom. Please advise your
Torex sales representative of your particular input/output frequency and supply voltage specifications so that we can see if we will be able to
support your requirements. The series is available in small SOT-26W and USP-6C.
APPLICATIONS
Clock for controlling a Imaging dot (LCD)
DSC (Digital still camera)
DVC (Digital video camera)
PND (Car navigation system)
UMPC (Ultra Mobile Personal Computer)
SSD (Solid State Disk)
Digital Photo Frame
Microcomputer and HDD drives
Cordless phones & Wireless communication
equipment
Various system clocks
TYPICAL APPLICATION CIRCUIT
ETR1506-007a
*1: CIN (by-pass capacitor, 0.1μF) and C1 ( LPF capacitor, 0.1μ
F) should be connected as close as possible to the IC. Please
refer to the pattern reference layout schematics on page 8 for
details.
FEATURES
Input Frequency Range
: 8kHz ~ 36MHz
(*1)
Output Frequency Range
: 1MHz ~ 100MHz
(fQ0=fCLKin × N/M)
(*1)
Output Divider (N) Range
: 1 ~ 4095
(*1)
Input Divider (M) Range
: 1 ~ 2047
(*1)
Operating Voltage Range
: 2.50V ~ 5.50V
(*1)
Low Power Consumption
: 10μA MAX. when stand-by
(*2)
Small Packages
: SOT-26W, USP-6C
*1: The series are semi-custom products.
Specifications for each
product are limited within the above range.
The input frequency
range is set within ±5% of customer’s designated typical frequency.
Please note that setting of your some requirements may not be
possible due to the specification limits of this series.
*2: When the IC is in stand-by mode, the output becomes high impedance
and the IC stops operation.
*1
TYPICAL PERFORMANCE
CHARACTERISTICS
PLL Output signal jitter 2 (tJ2) (synchronous to an input signal)
XC25BS8001xx (610 multiplier, input 15kHz (TYP.))
Output jitter
tJ2=20(ns)
Input Signal
Output Signal


Similar Part No. - XC25BS8038MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8001EL TOREX-XC25BS8001EL Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ER TOREX-XC25BS8001ER Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ML TOREX-XC25BS8001ML Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001MR TOREX-XC25BS8001MR Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8038MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com