Electronic Components Datasheet Search |
|
XC6220B08BPR Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6220B08BPR Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 30 page 6/30 XC6220 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT VIN=5.75VDC+0.5Vp-pAC : 4.75V≦VOUT(T)≦5.0V High Speed Mode (HS), VCE=VIN IOUT=30mA, f=1kHz VIN={VOUT(T)+1.0} VDC+0.5Vp-pAC : 0.85V≦VOUT(T)≦4.7V High Speed Mode (HS), VCE=VIN IOUT=30mA、f=1kHz Ripple Rejection Rate PSRR VIN=1.85VDC+0.5Vp-pAC : VOUT(T)=0.8V High Speed Mode (HS), VCE=VIN IOUT=30mA, f=1kHz - 50 - dB ③ VCE=VIN= VOUT(T)+1.0V 0.8V≦VOUT(T)≦1.15V 705 1200 - Limit Current ILIM VCE=VIN VIN= VOUT(T)+1.0V 1.2V≦VOUT(T)≦5.0V 1005 1200 - mA ① Short Current ISHORT VCE=VIN Short VOUT to VSS level - 180 - mA ① PS Switching Current IGOR : 1.45V≦VOUT(T)≦5.0V VIN=VOUT(T)+1.0V, VCE=“H ”Level : 0.8V≦VOUT(T)≦1.4V VIN=1.6V, VCE=“H ”Level IOUT=heavy to light load 1.0 2.0 - mA ⑤ HS Switching Current IGO : 1.45V≦VOUT(T)≦5.0V VIN=VOUT(T)+1.0V, VCE=“H ”Level : 0.8V≦VOUT(T)≦1.4V VIN=1.6V, VCE=“H ”Level IOUT=light to heavy load - 5.0 10 mA ⑤ Switch Current Hysteresis Range IGOhys IGOhys=IGO-IGOR - 3.0 - mA ⑤ PS Switching Delay Time tDPS VCE=VIN=VOUT(T)+1.0V, (HS/PS Auto-Switching) Time until HS mode is changed-over to PS mode by IGOR. see the Voltage Chart μ s ⑤ CE High Level Voltage VCEH VCE=VIN 1.2 - 6.0 V ④ CE Low Level Voltage VCEL VCE=VSS - - 0.3 V ④ VCE=VIN (A/B series) -0.1 - 0.1 μ A CE High Level Current ICEH VCE=VIN=6.0V (C/D series) - 9 15 μ A ④ CE Low Level Current ICEL VCE=VSS -0.1 - 0.1 μ A ④ CL Discharge Resistance (*7) RDCHG VIN=6.0V, VOUT=5.0V, VCE= VSS - 460 - Ω ① Thermal Shutdown Detect Temperature TTSD Junction Temperature - 150 - ℃ Thermal Shutdown Release Temperature TTSR Junction Temperature - 135 - ℃ Inrush Current IRUSH VIN=VOUT(T)+1.0V、CL=22μF VCE=0V→VOUT(T)+1.0V (Only when rising and within 1ms) - - 700 mA ⑥ NOTE: *1: Unless otherwise stated, VIN=VOUT (T) +1.0V. *2: VOUT (E)= Effective output voltage (see the voltage chart) (ie. The output voltage when “VOUT (T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value. *3: VOUT (T): Nominal output voltage *4: Vdif={VIN1 (*6) - VOUT1(*5)} *5: VOUT1=A voltage equal to 98% of the VOUT(T) when an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode. *6: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7: For the XC6220B/D series only. The XC6220A/C series (semi-custom) discharges by resistors R1 and R2 only as shown in the block diagrams. *8: For the XC6220A/C series, output voltage rises when the IC is in the high temperature stand-by mode. ■ ELECTRICAL CHARACTERISTICS (Continued) |
Similar Part No. - XC6220B08BPR |
|
Similar Description - XC6220B08BPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |