Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220C08BPR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6220C08BPR
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220C08BPR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6220C08BPR Datasheet HTML 6Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 7Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 8Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 9Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 10Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 11Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 12Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 13Page - Torex Semiconductor XC6220C08BPR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10/30
XC6220 Series
NOTES ON USE
<CL High Speed Auto-Discharge Function>
The XC6220B/D series can quickly discharge the electric charge at the output capacitor (CL), when a low signal to the CE
pin, which enables the whole IC circuit put into an OFF state, is inputted to the CE pin via the N-channel transistor located
between the VOUT pin and the VSS pin (cf. BLOCK DIAGRAM). The CL auto-discharge resistance value is fixed to 460Ω
(VIN=6.0V, VOUT=5.0V at TYP.). The discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance
(RDCHG) and the output capacitor (CL). By setting a time constant of the CL auto-discharge resistance value [RDCHG] and an
output capacitor value (CL) as τ(τ=C x RDCHG), the output voltage after discharge via the N channel transistor is calculated
by the following formulas.
V = VOUT x e
–t/τ, or t=τln( VOUT(E) / V )
where
V : Output voltage after discharge
VOUT(E) : Output voltage
t: Discharge time
τ
: CL auto-discharge resistance RDCHG×Output capacitor (CL) value C)
For the XC6220A/C series, output voltage may rises when in the high stand-by mode. Please note that in that case, the
typical characteristics may worse. When the XC6220A/C series is used, please be noted the characteristics shown below.
XC6220A 501x x
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
20
40
60
80
100
Ta (℃)
Output V ol ta g e vs . Input V ol ta g e
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0
2.0
3.0
4.0
5.0
6.0
VIN (V)
<Thermal Shutdown>
When the junction temperature of the built-in driver transistor reaches the temperature limit level (150℃ TYP.), the thermal
shutdown circuit operates and the driver transistor will be turned OFF. The IC resumes its operation when the thermal
shutdown function is released and the IC’s operation is automatically restored because the junction temperature drops to the
level of the thermal shutdown release voltage.
<Inrush Current Protection>
The XC6220 series includes an inrush current protection circuit.
The inrush current protection circuit suppresses inrush current charged to CL when the IC starts up to 700 mA (MAX.) for
approximately 1 ms.
* Please note that the device can not provide the output current beyond 700 mA for a period of approximately 1 ms after the
CE pin goes high.
OPERATIONAL EXPLANATION (Continued)
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.


Similar Part No. - XC6220C08BPR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220C08BPR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com