Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9236C08CER Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9236C08CER
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9236C08CER Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9236C08CER Datasheet HTML 1Page - Torex Semiconductor XC9236C08CER Datasheet HTML 2Page - Torex Semiconductor XC9236C08CER Datasheet HTML 3Page - Torex Semiconductor XC9236C08CER Datasheet HTML 4Page - Torex Semiconductor XC9236C08CER Datasheet HTML 5Page - Torex Semiconductor XC9236C08CER Datasheet HTML 6Page - Torex Semiconductor XC9236C08CER Datasheet HTML 7Page - Torex Semiconductor XC9236C08CER Datasheet HTML 8Page - Torex Semiconductor XC9236C08CER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2/33
XC9235/XC9236/XC9237 Series
PIN NUMBER
SOT-25
USP-6C/USP-6EL
PIN NAME
FUNCTION
1
6
VIN
Power Input
2
2, 5
VSS
Ground
3
4
CE / MODE
High Active Enable / Mode Selection Pin
4
3
VOUT
FB
Fixed Output Voltage Pin (A/B/C/E/G types)
Output Voltage Sense Pin (D/F types)
5
1
Lx
Switching Output
■PIN CONFIGURATION
* Please short the VSS pin (No. 2 and 5).
* The dissipation pad for the USP-6C package should be solder-plated
in recommended mount pattern and metal masking so as to enhance
mounting strength and heat release. If the pad needs to be connected
to other pins, it should be connected to the VSS (No. 5) pin.
■PIN ASSIGNMENT
13
2
5
4
SOT-25
(Top View)
USP-6C
(BOTTOM VIEW)
VSS
CE/MODE
VIN
Lx
VOUT
CE/MODE 4
2
VSS
VIN
6
1
Lx
3
VOUT (FB)
VSS
5
USP-6EL
(BOTTOM VIEW)
1
Lx
2
VSS
3
VOUT
VIN
6
VSS
5
CE/MODE 4


Similar Part No. - XC9236C08CER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236C08CMR TOREX-XC9236C08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9236C08CER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com