Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2838A Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2838A
Description  Magnetic Amplifier Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2838A Datasheet(HTML) 3 Page - Texas Instruments

  UC2838A Datasheet HTML 1Page - Texas Instruments UC2838A Datasheet HTML 2Page - Texas Instruments UC2838A Datasheet HTML 3Page - Texas Instruments UC2838A Datasheet HTML 4Page - Texas Instruments UC2838A Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UC1838A
UC2838A
UC3838A
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the
UC1838A, –20°C to +85°C for the UC2838A, and 0°C to +70°C for the UC3838A, VCC = 20V, VM = 5V, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1838A / UC2838A
UC3838A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Supply Current
VCC =VM = 40V
4
8
4
8
mA
Reference Output
TA = 25°C
2.47
2.5
2.53
2.45
2.5
2.55
V
Line Regulation
VCC = 5 to 30V
1
5
1
10
mV
Load Regulation
IO = 0 to –2mA
5
20
5
20
mV
Short Circuit Current
VREF = 0V
–30
–60
–30
–60
mA
Temperature Stability*
Over Operating Temp. Range
15
25
10
25
mV
Amplifier Section (Each Amplifier)
Offset Voltage
VCM = 2.5V
5
10
mV
Input Bias Current
VIN = 0V
–1
–1
µA
Input Offset Current
100
100
nA
Minimum Output Swing
0.4
18
0.4
18
V
Output Sink Current
VO = 5V
110
30110
30
mA
Output Source Current
VO = 0V
–1
–10
–20
–1
–10
–20
mA
AVOL
VO = 1 to 11V
100
120
100
120
dB
CMRR
VIN = 1 to 11V
70
80
70
80
dB
PSRR
VCC = 10 to 20V
70
100
70
100
dB
Gain Bandwidth*
0.6
0.8
0.6
0.8
MHz
Reset Drive Section
Input Leakage
VDR = 40V
10
10
µA
Output Leakage
VR = –120V
–100
–100
µA
Input Current
IR = –50mA
–1
–2
–1
–2
mA
Maximum Reset Current
IDR = –3mA
–100
–120
–200
–100
–120
–200
mA
Transconductance
IR = –10 to –50mA
.03
.042
.055
.03
.042
.055
A/V
* These parameters are guaranteed by design but not 100% tested in production.
TYPICAL APPLICATION
+12V, 4A output with switching frequency = 50 kHz.


Similar Part No. - UC2838A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2838A TI1-UC2838A Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838AJ TI1-UC2838AJ Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838AN TI1-UC2838AN Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838ANG4 TI1-UC2838ANG4 Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838AQ TI1-UC2838AQ Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
More results

Similar Description - UC2838A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2838N TI-UC2838N Datasheet
343Kb / 11P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838 TI1-UC2838 Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
logo
STMicroelectronics
AN904 STMICROELECTRONICS-AN904 Datasheet
39Kb / 3P
   MAGNETIC AMPLIFIER WITH LPR30 CONTROLLER
December 1997
logo
Advanced Micro Devices
AM95C95 AMD-AM95C95 Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
   MAGNETIC PICKUP IGNITION CONTROLLER
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
   Magnetic Magnetic
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
logo
NXP Semiconductors
TDA8929T PHILIPS-TDA8929T Datasheet
479Kb / 36P
   Controller class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com