Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9236G08DER-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9236G08DER-G
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9236G08DER-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9236G08DER-G Datasheet HTML 1Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 2Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 3Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 4Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 5Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 6Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 7Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 8Page - Torex Semiconductor XC9236G08DER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/33
XC9235/XC9236/XC9237
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
VIN≧2.0V, No CL discharge, Low speed soft-start
B
VIN≧2.0V, CL discharge, High speed soft-start
C
VIN≧2.0V, CL discharge, Low speed soft-start
E
VIN≧1.8V, CL discharge, Low speed soft-start
Fixed Output voltage (VOUT)
Functional selection
G
VIN≧1.8V, CL discharge, High speed soft-start
D
VIN≧1.8V, CL discharge, Low speed soft-start
Adjustable Output voltage (FB)
Functional selection
F
VIN≧1.8V, CL discharge, High speed soft-start
Fixed Output Voltage
(VOUT)
08 ~ 40
Output voltage options
e.g. VOUT=2.8V→②=2, ③=8
VOUT=2.85V→②=2, ③=L
0.05V increments: 0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E,
0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M
②③
Adjustable Output Voltage
(FB)
08
Reference voltage is fixed in 0.8V
②=0, ③=8
C
1.2MHz
Oscillation Frequency
D
3.0MHz
MR
SOT-25
(*3)
MR-G
SOT-25 (Halogen & Antimony free)
(*3)
ER
USP-6C
ER-G
USP-6C (Halogen & Antimony free)
(*4)
⑤⑥-⑦
Packages
Taping Type
(*2)
4R-G
USP-6EL (Halogen & Antimony free)
(*5)
■PRODUCT CLASSIFICATION
●Ordering Information
XC9235①②③④⑤⑥-⑦(
*1)
Fixed PWM control
XC9236①②③④⑤⑥-⑦(
*1)
PWM / PFM automatic switching control
XC9237①②③④⑤⑥-⑦(
*1)
Fixed PWM control
PWM / PFM automatic switching manual selection
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)
(*3) SOT-25 package is available for the A/B/C series only.
(*4) For Halogen & Antimony Free, the D/E/F/G series is under development.
(*5) For the USP-6EL package, the D/E/F/G series is under development.


Similar Part No. - XC9236G08DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236G08CMR TOREX-XC9236G08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9236G08DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com