Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWR-MWC01GG-03-1000-G Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # MWR-MWC01GG-03-1000-G
Description  TaNFilm Microwave Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MWR-MWC01GG-03-1000-G Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  MWR-MWC01GG-03-1000-G Datasheet HTML 1Page - IRC - a TT electronics Company. MWR-MWC01GG-03-1000-G Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MWR Series Issue June 2008 Sheet 2 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Prefix
MWR - MWC01 S C - 01 - 50R0 - F
Model
MWC01
Topside Termination
S = 60/40 Sn/Pb solder; G = Gold
Backside
C = Bare ceramic; G = Gold
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance Code
50R0 = 50Ω; 75R0 = 75Ω 1000 = 100Ω
Tolerance Code
K = ±10%; J = ±5%; G = ±2%; F = ±1%
Packaging
Parts are packaged in 2" x 2" waffle packs in 400 piece quantities.
Ordering Data
Frequency Performance Data
Physical Data
0.036 pF
0.010 nH
50.0Ω
Frequency
VSWR
1 GHz
<1.02
5 GHz
<1.05
10 GHz
<1.10
20 GHz
<1.20
30 GHz
<1.50
40 GHz
<1.60
VSWR Data
Power Derating Curve
TaNFilm® Microwave
Chip Resistor
Model
25
40
100
100
50
0
70
Ambient Temperature (°C)
IRC Advanced Film Division


Similar Part No. - MWR-MWC01GG-03-1000-G

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
logo
TT Electronics.
MWR TTELEC-MWR Datasheet
207Kb / 2P
   Performance characterized to 40GHz
logo
Interpoint Corporation ...
MWR283 INTERPOINT-MWR283 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
MWR283R312T/883 INTERPOINT-MWR283R312T/883 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
MWR283R315T/883 INTERPOINT-MWR283R315T/883 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
More results

Similar Description - MWR-MWC01GG-03-1000-G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
   Thin Film Microwave Resistor
Revision: 18-Apr-13
MIC VISHAY-MIC Datasheet
108Kb / 3P
   Thin Film Microwave Resistor
Revision: 14-Mar-08
logo
Bourns Electronic Solut...
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
   Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com