Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220C081ER Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6220C081ER
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220C081ER Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6220C081ER Datasheet HTML 4Page - Torex Semiconductor XC6220C081ER Datasheet HTML 5Page - Torex Semiconductor XC6220C081ER Datasheet HTML 6Page - Torex Semiconductor XC6220C081ER Datasheet HTML 7Page - Torex Semiconductor XC6220C081ER Datasheet HTML 8Page - Torex Semiconductor XC6220C081ER Datasheet HTML 9Page - Torex Semiconductor XC6220C081ER Datasheet HTML 10Page - Torex Semiconductor XC6220C081ER Datasheet HTML 11Page - Torex Semiconductor XC6220C081ER Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/30
XC6220 Series
Voltage Chart 2
OUTPUT
VOLTAGE
HS Mode)
(V)
OUTPUT
VOLTAGE
(PS Mode)
(V)
DROPOUT
VOLTAGE 1
Vdif 1 (mV)
IOUT=300mA
DROPOUT
VOLTAGE 2
Vdif 2 (mV)
IOUT=1000mA
SUPPLY
CURRENT 1
(XC6220C/D)
(μA)
SUPPLY
CURRENT 2
(XC6220C/D)
(μA)
PS
SWITCH
DELAY
TIME
(μs)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT
VOUT
Vdif
Vdif
ISS1
ISS2
tDPS
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
MAX.
MAX.
MAX.
MAX.
3.00
2.9700
3.0300
2.9400
3.0600
118.000
28.000
3.05
3.0195
3.0805
2.9890
3.1110
118.125
28.125
3.10
3.0690
3.1310
3.0380
3.1620
118.250
28.250
3.15
3.1185
3.1815
3.0870
3.2130
118.375
28.375
3.20
3.1680
3.2320
3.1360
3.2640
118.500
28.500
3.25
3.2175
3.2825
3.1850
3.3150
118.625
28.625
3.30
3.2670
3.3330
3.2340
3.3660
118.750
28.750
3.35
3.3165
3.3835
3.2830
3.4170
118.875
28.875
3.40
3.3660
3.4340
3.3320
3.4680
119.000
29.000
3.45
3.4155
3.4845
3.3810
3.5190
119.125
29.125
3.50
3.4650
3.5350
3.4300
3.5700
119.250
29.250
3.55
3.5145
3.5855
3.4790
3.6210
119.375
29.375
3.60
3.5640
3.6360
3.5280
3.6720
119.500
29.500
3.65
3.6135
3.6865
3.5770
3.7230
119.625
29.625
3.70
3.6630
3.7370
3.6260
3.7740
119.750
29.750
3.75
3.7125
3.7875
3.6750
3.8250
119.875
29.875
3.80
3.7620
3.8380
3.7240
3.8760
120.000
30.000
3.85
3.8115
3.8885
3.7730
3.9270
120.125
30.125
3.90
3.8610
3.9390
3.8220
3.9780
120.250
30.250
3.95
3.9105
3.9895
3.8710
4.0290
120.375
30.375
4.00
3.9600
4.0400
3.9200
4.0800
60
95
120.500
30.500
1200
4.05
4.0095
4.0905
3.9690
4.1310
120.625
30.625
4.10
4.0590
4.1410
4.0180
4.1820
120.750
30.750
4.15
4.1085
4.1915
4.0670
4.2330
120.875
30.875
4.20
4.1580
4.2420
4.1160
4.2840
121.000
31.000
4.25
4.2075
4.2925
4.1650
4.3350
121.125
31.125
4.30
4.2570
4.3430
4.2140
4.3860
121.250
31.250
4.35
4.3065
4.3935
4.2630
4.4370
121.375
31.375
4.40
4.3560
4.4440
4.3120
4.4880
121.500
31.500
4.45
4.4055
4.4945
4.3610
4.5390
121.625
31.625
4.50
4.4550
4.5450
4.4100
4.5900
121.750
31.750
4.55
4.5045
4.5955
4.4590
4.6410
121.875
31.875
4.60
4.5540
4.6460
4.5080
4.6920
122.000
32.000
4.65
4.6035
4.6965
4.5570
4.7430
122.125
32.125
4.70
4.6530
4.7470
4.6060
4.7940
122.250
32.250
4.75
4.7025
4.7975
4.6550
4.8450
122.375
32.375
4.80
4.7520
4.8480
4.7040
4.8960
122.500
32.500
4.85
4.8015
4.8985
4.7530
4.9470
122.625
32.625
4.90
4.8510
4.9490
4.8020
4.9980
122.750
32.750
4.95
4.9005
4.9995
4.8510
5.0490
122.875
32.875
5.00
4.9500
5.0500
4.9000
5.1000
53
85
655
123.000
33.000
1450
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6220C081ER

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220C081ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com