Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220B301ER Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6220B301ER
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220B301ER Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6220B301ER Datasheet HTML 7Page - Torex Semiconductor XC6220B301ER Datasheet HTML 8Page - Torex Semiconductor XC6220B301ER Datasheet HTML 9Page - Torex Semiconductor XC6220B301ER Datasheet HTML 10Page - Torex Semiconductor XC6220B301ER Datasheet HTML 11Page - Torex Semiconductor XC6220B301ER Datasheet HTML 12Page - Torex Semiconductor XC6220B301ER Datasheet HTML 13Page - Torex Semiconductor XC6220B301ER Datasheet HTML 14Page - Torex Semiconductor XC6220B301ER Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/30
XC6220
Series
TEST CIRCUITS
スタンバ イ
・測定回路2(消費電流・
電流)
VIN
CE
VSS
VOUT
CIN
(ceramic)
CL
(ceramic)
SW1
・測定回路3(リップル除去率)
VIN
CE
VSS
VOUT
CL
(ceramic)
IOUT=30mA
RL
V
V
・測定回路1 (出力電圧・出力電流・入出力電圧差・入力動作電圧・入力安定度・負荷安定度・制限電流・
短絡電流・CL放電抵抗)
VIN
CE
VSS
VOUT
CL
(ceramic)
IOUT
RL
SW2
CIN
(ceramic)
SW1
A
A
A
V
V
A
PS:0.1mA
HS:10mA
A
SW2
Circuit 1: Output Voltage, Output Current, Dropout Voltage, Input/Operating Voltage, Line Regulation, Load Regulation,
Current Limit, Short Current, CL Discharge Resistance
Circuit 2: Supply Current, Stand-by Current
Circuit 3: Ripple Rejection Rate


Similar Part No. - XC6220B301ER

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220B301ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com