|
| UC2843 |
|
||
|
TI |
|
6 page
High peak currents associated with capacitive loads necessi- tate careful grounding techniques. Timing and bypass capaci- tors should be connected close to pin 5 in a single point ground. The transistor and 5k potentiometer are used to sam- ple the oscillator waveform and apply an adjustable ramp to pin 3. Shutdown of the UC1842 can be accomplished by two meth- ods; either raise pin 3 above 1V or pull pin 1 below a voltage two diode drops above ground. Either method causes the out- put of the PWM comparator to be high (refer to block diagram). The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the shutdown condition at pin 1 and/or 3 is removed. In one example, an externally latched shutdown may be accomplished by adding an SCR which will be reset by cycling VCC below the lower UVLO threshold. At this point the reference turns off, allowing the SCR to reset. UC1842/3/4/5 UC2842/3/4/5 UC3842/3/4/5 OUTPUT SATURATION CHARACTERISTICS ERROR AMPLIFIER OPEN-LOOP FREQUENCY RESPONSE OPEN-LOOP LABORATORY FIXTURE SHUT DOWN TECHNIQUES 6 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV9605C | High Voltage Current Mode PWM Controller | 1 2 3 4 5 | Supertex, Inc |
| TC170 | CMOS Current Mode PWM Controller | 1 2 3 4 5 More | Microchip Technology |
| SG1846 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Microsemi Corporation |
| CM3842 | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| UC2842A | Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| ISL8843 | Industry Standard Single-Ended Current Mode PWM Controller | 1 2 3 4 5 More | Intersil Corporation |
| UCC1884 | Frequency Foldback Current Mode PWM Controller | 1 2 3 4 5 More | Texas Instruments |
| LT1846 | Current Mode PWM Controller | 1 2 3 4 5 More | Linear Technology |
| UC184XA | CURRENT MODE PWM CONTROLLER | 1 2 3 4 5 More | Microsemi Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |