Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220D50BER Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6220D50BER
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D50BER Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6220D50BER Datasheet HTML 1Page - Torex Semiconductor XC6220D50BER Datasheet HTML 2Page - Torex Semiconductor XC6220D50BER Datasheet HTML 3Page - Torex Semiconductor XC6220D50BER Datasheet HTML 4Page - Torex Semiconductor XC6220D50BER Datasheet HTML 5Page - Torex Semiconductor XC6220D50BER Datasheet HTML 6Page - Torex Semiconductor XC6220D50BER Datasheet HTML 7Page - Torex Semiconductor XC6220D50BER Datasheet HTML 8Page - Torex Semiconductor XC6220D50BER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
XC6220
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
High Speed Mode (HS)
2.0V≦VOUT(T)≦5.0V
VCE=VIN, IOUT=30mA
×0.99
×1.01
High Speed Mode (HS)
0.8V≦VOUT(T)≦1.95V
VCE=VIN, IOUT=30mA
-0.02
+0.02
Power Save Mode (PS)
2.0V≦VOUT(T)≦5.0V
VCE=VIN, IOUT=0.1mA
×0.98
×1.02
Output Voltage
VOUT(E)
(*2)
Power Save Mode (PS)
0.8V≦VOUT(T)≦1.95V
VCE=VIN, IOUT=0.1mA
-0.04
VOUT(T)
(*3)
+0.04
V
High Speed Mode(HS)、VCE=VIN
VIN=VOUT(T)+1.0V
0.8V≦VOUT(T)≦1.15V
700
1200
-
Output Current
IOUTMAX
High Speed Mode(HS)、VCE=VIN
VIN=VOUT(T)+1.0V
1.2V≦VOUT(T)≦5.0V
1000
1200
-
mA
Load Regulation
ΔVOUT
High Speed Mode (HS), VCE=VIN
10mA≦IOUT≦300mA
-
10
45
mV
Dropout Voltage1 (*4)
Vdif
High Speed Mode (HS)
IOUT=300mA, VCE=VIN
see the Voltage Chart
mV
Dropout Voltage2 (*4)
Vdif
High Speed Mode(HS)
IOUT=1000mA, VCE=VIN
see the Voltage Chart
mV
High Speed Mode(HS)
VIN=VCE=VOUT(T)+1.0V
IOUT=10mA (A/B Series)
-
50
108
Supply Current 1
ISS1
High Speed Mode(HS)
VIN=VCE=VOUT(T)+1.0V
IOUT=10mA (C/D Series)
-
50
see the
Voltage
Chart
μ
A
Power Save Mode(PS)
VIN=VCE=VOUT(T)+1.0V
IOUT=0.1mA
-
8
18
Supply Current 2
ISS2
Power Save Mode(PS)
VIN=VCE=VOUT(T)+1.0V
IOUT=0.1mA
-
8
see the
Voltage
Chart
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-0.1
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
1.1V≦VOUT(T)≦5.0V
High Speed Mode (HS), VCE=VIN
IOUT=100mA
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
1.6V≦VIN≦6.0V
0.8V≦VOUT(T)≦1.05V
High Speed Mode (HS), VCE=VIN
IOUT=100mA
-
0.01
0.20
%/V
Input Voltage
VIN
1.6
-
6.0
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa・VOUT)
High Speed Mode (HS), VCE=VIN
IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
ELECTRICAL CHARACTERISTICS
XC6220A/B/C/D Series
Ta=25℃


Similar Part No. - XC6220D50BER

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220D50BER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com