Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25FW403A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25FW403A
Description  4M-bit Serial Flash Memory 30MHz SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW403A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25FW403A Datasheet HTML 1Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 2Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 3Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 4Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 5Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 6Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 7Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 8Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LE25FW403A
No.A1229-5/18
Figure 4 Serial Output Timing
Command Definition
"Table 2 Command Settings" provides a list and overview of the commands. A detailed description of the functions and
operations corresponding to each command is presented below.
1. Read
Figure 5 shows the read timing waveforms.
There are two read commands, the 4 bus cycle read and 5 bus cycle read. Consisting of the first through fourth bus
cycles, the 4 bus cycle read inputs the 24-bit address following (03h) and the data in the designated address is output
synchronized to SCK. The data is output on the falling clock edge of fourth bus cycle bit 0.
Consisting of the first through fifth bus cycles, the 5 bus cycle read command inputs the 24-bit addresses and 8 dummy
bits following (0Bh). The data is output using the falling clock edge of fifth bus cycle bit 0. The only difference
between these two commands is whether the dummy bits in the fifth bus cycle are input.
While SCK is being input, the address is automatically incremented inside the device and the corresponding data is
output in sequence.
If the SCK input is continued after the data up to the highest address (7FFFFh) is output, the internal address returns to
the lowest address (00000h) and data output is continued.
By setting the logic level of CS to high, the device is deselected, and the read cycle ends. While the device is deselected,
the output pin is in a high-impedance state.
Figure 5: Read
4 Bus Read
tHO
tCHZ
tCLZ
SI
tV
CS
SO
SCK
DATA VALID
N+2
N+1
N
CS
High Impedance
DATA
DATA
DATA
SCK
SO
SI
03h
Add.
Add.
Add.
15
MSB
MSB
MSB
0
1
2
3
4
5678
23
16
24
31
39
47
8CLK
Mode0
Mode3
32
40


Similar Part No. - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
More results

Similar Description - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW203A SANYO-LE25FW203A Datasheet
127Kb / 18P
   CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
   SPI SERIAL MEMORY 4M
logo
Winbond
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com