Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25FW403A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LE25FW403A
Description  4M-bit Serial Flash Memory 30MHz SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW403A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LE25FW403A Datasheet HTML 2Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 3Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 4Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 5Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 6Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 7Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 8Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 9Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LE25FW403A
No.A1229-6/18
5 Bus Read
2. Status Registers
Device status can be detected using status registers.
Table 3 gives the contents of status registers.
Table 3 Status Registers
Bit
Name
Logic
Function
Power-on Time Information
0
Ready
Bit0
RDY
1
Erase/Program/Write
0
0
Write disabled
Bit1
WEN
1
Write enabled
0
Bit2
0
Reserved bits
0
Bit3
0
Reserved bits
0
Bit4
0
Reserved bits
0
Bit5
0
Reserved bits
0
Bit6
0
Reserved bits
0
Bit7
0
Reserved bits
0
2-1. Status Register Read
The contents of the status registers can be read using the status register read command. This command can be executed
even during the following operations.
• Page erase
• Sector erase
• Chip erase
• Page program
• Page write
Figure 6 shows the timing waveforms of the status register read.
Consisting only of the first bus cycle, the status register read command outputs the contents of the status register from
bit 7 synchronized to the falling edge of the clock (SCK) when (05h) is input. If the clock (SCK) is continued after data
up to RDY (bit 0) are output, the data is output by returning to the bit 7. Data is output from the falling clock of the first
bus cycle bit 0.
N+2
N+1
N
CS
High Impedance
DATA
DATA
DATA
SCK
SO
SI
0Bh
Add.
Add.
Add.
X
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47 48
55
Mode3
Mode0
8CLK


Similar Part No. - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
More results

Similar Description - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW203A SANYO-LE25FW203A Datasheet
127Kb / 18P
   CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
   SPI SERIAL MEMORY 4M
logo
Winbond
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com