Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6220C081ER-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6220C081ER-G
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220C081ER-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6220C081ER-G Datasheet HTML 1Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 2Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 3Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 4Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 5Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 6Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 7Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 8Page - Torex Semiconductor XC6220C081ER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/30
XC6220 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
6.5
V
Output Current
(*1)
IOUT
1400
mA
Output Voltage
VOUT
VSS -0.3 ~ VIN +0.3
V
CE Input Voltage
VCE
VSS -0.3 ~ 6.5
V
250
SOT-25
600 (PCB mounted)
(*2)
500
SOT-89-5
1300 (PCB mounted)
(*2)
120
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*2)
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
BLOCK DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
*1 Please use within the range of IOUT=Pd / (VIN – VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 15~17 for details.
Ta=25℃
XC6220A Series (Semi-custom)
XC6220B Series
XC6220C Series (Semi-custom)
XC6220D Series (Semi-custom)
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.


Similar Part No. - XC6220C081ER-G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220C081ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com