Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17AE-13250B-1750HC1-CA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17AE-13250B-1750HC1-CA
Description  High Density D-Subminiature Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17AE-13250B-1750HC1-CA Datasheet(HTML) 1 Page - DDK Ltd.

  17AE-13250B-1750HC1-CA Datasheet HTML 1Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 2Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 3Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 4Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 5Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 6Page - DDK Ltd. 17AE-13250B-1750HC1-CA Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・Right angle D-Sub connectors with SMT and DIP solder termination style.
・Compatible to standard D-Sub connectors.
・High temperature resin for reflow soldering process.
・2mm shorter than standard D-Sub connector's hight.
・Screw and board lock mounting.
RoHS
Compliant
RoHS
Compliant
High Density D-Subminiature Connector
17AE Series
Rated Voltage
300V AC(r.m.s.)
Rated Current
3A / contact
Dielectric Withstanding Voltage
1000V AC(r.m.s.) / 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
20m Ω (max.)
Operating Temperature
-65℃∼ 125℃
ITEM
MATERIAL / FINISH
Insulator
PPS Resin / (UL94V-0) / Black
Shell
Steel / Ni Plating
Contact
Copper Alloy / Contact Area: Au(0.4 μ m) over Ni Plating
Tail Area: Sn-Ag over Ni Plating
Ground Tab
Copper Alloy / Sn-Ag Plating
090702
SPECIFICATIONS
FEATURE
MATERIAL / FINISH


Similar Part No. - 17AE-13250B-1750HC1-CA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A16-R MSYSTEM-17AC-A16-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A26-R MSYSTEM-17AC-A26-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A36-R MSYSTEM-17AC-A36-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A56-R MSYSTEM-17AC-A56-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
More results

Similar Description - 17AE-13250B-1750HC1-CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09561005601 ETC2-09561005601 Datasheet
329Kb / 14P
   High Density subminiature D connectors
638-015-230-042 ETC2-638-015-230-042 Datasheet
391Kb / 2P
   638 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
logo
List of Unclassifed Man...
634-015-563-042 ETC2-634-015-563-042 Datasheet
489Kb / 2P
   634 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
637-015-230-042 ETC2-637-015-230-042 Datasheet
369Kb / 2P
   637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
471Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature High Density Connector
logo
PANDUIT CORP.
CMD15HDIWY PANDUIT-CMD15HDIWY Datasheet
159Kb / 1P
   Mini-Com짰 15-Pin High-Density D-Subminiature Module
logo
Japan Aviation Electron...
DDU-50PF-F0 JAE-DDU-50PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
DA-C4-J10-F JAE-DA-C4-J10-F Datasheet
136Kb / 1P
   Connector D-Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com