Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS8052ER Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC25BS8052ER
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8052ER Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC25BS8052ER Datasheet HTML 3Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 4Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 5Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 6Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 7Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 8Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 9Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 10Page - Torex Semiconductor XC25BS8052ER Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
XC25BS8
Series
NOTE ON USE
(1) Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
(2) The series is an analog IC. Please use a 0.01μF to 0.1μF of a by-pass capacitor.
(3) The constant of the LPF element of this IC is preset. Always use the capacitance value (=0.1μF) specified by us for
the external ceramic capacitor (C1) for LPF. Operating this IC with a capacitor of the wrong capacitance will cause
erroneous operation.
(4) Rq0 shown in the Typical Application Circuit is a matching resistor. The use is recommended in order to counter
unwanted radiations.
(5) Please place the by-pass capacitor and the matching resistor as close to the IC as possible. The IC may not operate
normally if the by-pass capacitor is not close enough to the IC. Further, the unwanted radiation may occur between
the resistor and the IC pin if the matching resistor is not close enough to the IC.
(6)When the CE pin is not controlled by external signals, it is recommended that a time constant circuit of R1=1kΩ ×C2
= 0.1μF be added for stability.
(7) With this IC, output is achieved by dividing and multiplying the reference oscillation by means of the PLL circuit. In
cases where this output is further used as a reference oscillation of another PLL circuit, it may be that the final output
signal's jitter increases; therefore, all necessary precautions should be taken to avoid this.
(8) It is recommended that a low noise power supply, such as a series regulator, be used as the series’ supply voltage.
Using a power supply such as a switching regulator may enlarge the jitter, which in turn may lead to abnormal
operation. Please confirm its operation with the actual device.
(9) For operating the IC normally, please take procedures below when applying voltage to the series’ input pin:
1) Apply power source while the CE pin is "L" level with no clock input (high-Impedance or “L”),
2) Input the clock,
3) At least 100μs after applying clock input, change the CE pin into “H” level and then to enable.
The IC has to be started by inputting the clock once the power rises completely. The CE pin, then, should be enabling.
If the CE pin becomes enable and the clock is inputted before the power rises completely, an internal reset circuit
does not operate normally which may cause to generate extraneous frequency.
eg.)Matching Resistance (Rq0) and Device for Time constant circuit (R1,C2)are connected,
Package: SOT-26W)


Similar Part No. - XC25BS8052ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8001EL TOREX-XC25BS8001EL Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ER TOREX-XC25BS8001ER Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ML TOREX-XC25BS8001ML Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001MR TOREX-XC25BS8001MR Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8052ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com