Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6501A501NR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6501A501NR
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501A501NR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6501A501NR Datasheet HTML 1Page - Torex Semiconductor XC6501A501NR Datasheet HTML 2Page - Torex Semiconductor XC6501A501NR Datasheet HTML 3Page - Torex Semiconductor XC6501A501NR Datasheet HTML 4Page - Torex Semiconductor XC6501A501NR Datasheet HTML 5Page - Torex Semiconductor XC6501A501NR Datasheet HTML 6Page - Torex Semiconductor XC6501A501NR Datasheet HTML 7Page - Torex Semiconductor XC6501A501NR Datasheet HTML 8Page - Torex Semiconductor XC6501A501NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
XC6501
Series
■BLOCK DIAGRAMS
*図のダイオードは、静電保護用のダイオードと寄生ダイオードです。
■ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~+6.5
V
Output Current
IOUT
400
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~+6.5
V
USPN-4 (*2)
100
USP-3
120
USP-4
120
SSOT-24
150
250
mW
Power Dissipation
SOT-25
Pd
600 (PCB mounted)(*3)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
*1 Pd>(VIN-VOUT)×IOUT
*2 USPN-4 is under development.
*3 The power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 20 for details.
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
Current Limit
R1
R2
/CE
Rdischg
CFB
XC6501B Series
VIN
CE
VSS
VOUT
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
Current Limit
R1
R2
CFB
XC6501A Series
VIN
CE
VSS
VOUT
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
Current Limit
R1
R2
CFB
XC6501C Series
VIN
CE
VSS
VOUT
+
-
Error
Amp
Voltage
Reference
Current Limit
R1
R2
/CE
Rdischg
CFB
XC6501D Series
VIN
VSS
VOUT
ON/OFF
Control
each
circuit
CE
+
-
Error
Amp
Voltage
Reference
Current Limit
R1
R2
CFB
XC6501P Series
VIN
VSS
VOUT


Similar Part No. - XC6501A501NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501A501NR TOREX-XC6501A501NR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501A501NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com