Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5230LG Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5230LG
Description  Dot-matrix LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5230LG Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5230LG Datasheet HTML 1Page - Sanyo Semicon Device LV5230LG Datasheet HTML 2Page - Sanyo Semicon Device LV5230LG Datasheet HTML 3Page - Sanyo Semicon Device LV5230LG Datasheet HTML 4Page - Sanyo Semicon Device LV5230LG Datasheet HTML 5Page - Sanyo Semicon Device LV5230LG Datasheet HTML 6Page - Sanyo Semicon Device LV5230LG Datasheet HTML 7Page - Sanyo Semicon Device LV5230LG Datasheet HTML 8Page - Sanyo Semicon Device LV5230LG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LV5230LG
No.A1359-2/27
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max1
SVCC, VDD
5.5
V
Maximum supply voltage
VCC max2
LEDVDD
6V
Allowable power dissipation
Pd max
Mounted on a board *
1.2
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
∗ Designated board : 40mm×50mm×0.8mm, glass epoxy 4-layter board (2S2P)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VBAT
SVCC
3 to 4.5
V
Supply voltage 2
VDD
VDD
1.65 to 3
V
Supply voltage 3
VLEDVDD
LEDVDD
2.7 to 5.5
V
* Power application sequence : 1. VBAT 2. VDD VBAT > VDD, No restriction on VLEDVDD.
* Same level of voltage LEDVCC must be applied to the 4 pins as VLEDVDD voltage.
Electrical Characteristics, Analog Block Ta
= 25°C, VBAT = 3.7V, VDD = 2.6V, LEDVDD = 3.7V,
unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Consumption current (SVCC+VDD+LEDVDD)
Consumption current 1
ICC1
RESET : L
0
5
μA
Consumption current 2
ICC2
RESET : H, serial default
0.3
5
μA
Consumption current 3A
ICC3A
When STBY mode is released, RT external
resistance value is 27k
Ω
1.9
3
mA
Consumption current 3B
ICC3B
When STBY mode is released, RT external
resistance value is 160k
Ω
1
2
mA
LEDSW
On resistance 1
Ron1
ROW1 to 7 : IL = 425mA
1
2
Ω
On resistance 2
Ron2
LEDO1, LED02 : IL = 20mA
2
4
Ω
LED current 1
ILED1
COL1 to COL17 : VO = LEDVDD-0.5V
RT external resistance value : 27k
Ω
20
22.5
25
mA
LED current 2
ILED2
COL1 to COL17 : VO = LEDVDD-0.5V
RT external resistance value : 160k
Ω
2.8
3.8
4.8
mA
Leakage current 1
IL1
ROW1 to ROW : VO = 5V
1
μA
Leakage current 2
IL2
COL1 to COL17 : VO = 0V, LEDVDD = 5V
1
μA
Leakage current 3
IL3
LEDO1, LED02 : VO = 5V
1
μA
OSC
Oscillator frequency
F1
When RT external resistance is 27k
Ω,
CT external capacitance is 120pF
900
1000
1100
kHz
Oscillator frequency
F1
When RT external resistance is 160k
Ω,
CT external capacitance is 10pF
900
1000
1100
kHz
RT
Maximum. LED drive
current setting
LI1
RT external resistance : 27k
Ω
LED maximum drive current = 607.5/RT resistance
20
22.5
25
mA
Continued on next page.


Similar Part No. - LV5230LG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
logo
ON Semiconductor
LV5230LG ONSEMI-LV5230LG Datasheet
161Kb / 27P
   7ch x 17ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG_10 Datasheet
176Kb / 27P
   7ch x 17ch LED Driver
More results

Similar Description - LV5230LG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
   LED DOT MATRIX
logo
SHENZHEN YONGERJIA INDU...
WEJM1088 WINNERJOIN-WEJM1088 Datasheet
310Kb / 1P
   LED DOT MATRIX
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
logo
BetLux Electronics
BL-M23C881SG BETLUX-BL-M23C881SG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M12E571SG BETLUX-BL-M12E571SG Datasheet
73Kb / 3P
   LED DOT MATRIX
BL-M14A581S BETLUX-BL-M14A581S Datasheet
140Kb / 4P
   LED DOT MATRIX
BL-M19C881SG BETLUX-BL-M19C881SG Datasheet
156Kb / 3P
   LED DOT MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com