Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV49152V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV49152V
Description  Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV49152V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV49152V Datasheet HTML 1Page - Sanyo Semicon Device LV49152V Datasheet HTML 2Page - Sanyo Semicon Device LV49152V Datasheet HTML 3Page - Sanyo Semicon Device LV49152V Datasheet HTML 4Page - Sanyo Semicon Device LV49152V Datasheet HTML 5Page - Sanyo Semicon Device LV49152V Datasheet HTML 6Page - Sanyo Semicon Device LV49152V Datasheet HTML 7Page - Sanyo Semicon Device LV49152V Datasheet HTML 8Page - Sanyo Semicon Device LV49152V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LV49152V
No.A1408-2/24
Specifications
Absolute Maximum Ratings at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VD
Supply voltage
20
V
Allowable power dissipation
Pd max
Our PCB, Soldered *
5.05
W
Our PCB, Soldered *
2.1
°C/W
Package thermal resistance
θjc
Our PCB, Not soldered *
3.6
°C/W
Maximum junction temperature
Tj max
150
°C
Operating temperature
Topr
-25 to +75
°C
Storage temperature
Tstg
-50 to +150
°C
* : Mounted on a specified board 11.0mm × 9.5mm × 1.5mm, glass epoxy (two-layer)
Recommended Operating Range at Ta
= 25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage range
VD
Supply voltage
9
15
18
V
Load impedance range
RL
Speaker load
4
8
Electrical Characteristics at Ta
= 25°C, VD = 15V, RL = 8Ω, L = 33µH (TOKO : A7502BY-330M), C = 0.1µF,
CL = 0.47µF
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
Ist
STBY = L, MUTE = L
1
10
µA
Mute current
Imute
STBY = H, MUTE = L
14
20
26
mA
Quiescent current
ICCO
STBY = H, MUTE = H
35
45
55
mA
Voltage gain
VG
fin = 1kHz, VO = 0dBm
28
30
32
dB
Offset voltage
Voffset
Rg = 0
-150
150
mV
Total harmonic distortion
THD+N
PO = 1W, fin = 1kHz, AES17
0.08
0.4
%
Output power
PO@10%
THD+N = 10%, AES17
13
15
W
Channel separation
CHsep.
Rg = 0, VO = 0dBm, DIN AUDIO
55
70
dB
Ripple rejection ratio
SVRR
fr = 100Hz, Vr = 0dBm, Rg = 0, DIN AUDIO
50
60
dB
Noise
VNO
Rg = 0, A-weight
90
300
µVrms
High-level input voltage
VIH
STBY and MUTE pin
3
VD
V
Low-level input voltage
VIL
STBY and MUTE pin
0
1
V
Under voltage protection UPPER
UV_UPPER
VD voltage measure
8.0
V
Under voltage protection LOWER
UV_LOWER
VD voltage measure
7.0
V
Note : The values of these characteristics were measured in the SANYO test environment. The actual values in an end system will vary depending on the
printed circuit board pattern, the external components actually used, and other factors.


Similar Part No. - LV49152V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV49152V ONSEMI-LV49152V Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results

Similar Description - LV49152V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com