Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV49152V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV49152V
Description  Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV49152V Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV49152V Datasheet HTML 2Page - Sanyo Semicon Device LV49152V Datasheet HTML 3Page - Sanyo Semicon Device LV49152V Datasheet HTML 4Page - Sanyo Semicon Device LV49152V Datasheet HTML 5Page - Sanyo Semicon Device LV49152V Datasheet HTML 6Page - Sanyo Semicon Device LV49152V Datasheet HTML 7Page - Sanyo Semicon Device LV49152V Datasheet HTML 8Page - Sanyo Semicon Device LV49152V Datasheet HTML 9Page - Sanyo Semicon Device LV49152V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LV49152V
No.A1408-6/24
Application Circuit Example 3 (RL = 4Ω)
44
43
42
41
40
39
38
37
36
32
31
30
29
28
27
26
25
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
RL
+
0-5V
0-5V
VIN1
+
1
µF
MUTE
VIN2
-
VREG5
VBIAS
BIASCAP
VCC
MUTECAP
NC1
NC2
NC3
NC4
NC5
NC6
NC7
NC8
NC9
GND
STBY
VIN1
-
PLC
PVD1
BOOT1-
VDD1
BOOT2-
OUT2-
OUT2+
OUT2+
OUT2-
OUT1-
OUT1+
OUT1+
BOOT2+
BOOT1+
VDD2
OUT1-
PGND2
PGND2
35
34
33
PGND1
FB
FB
FB
FB
PGND1
PVD1
PVD2
1
µF
0 to 20k
1
µF
1
µF
19
20
21
22
VIN2
+
1
µF
22
µF
1
µF
1
µF
1
µF
1
µF
+
470
µF
1
µF
+
470
µF
1
µF
0.1
µF
0.22
µF
0.22
µF
VD
1
µF
0.1
µF
0.22
µF
15
µH
15
µH
23
PVD2
RL
0.1
µF
0.22
µF
0.22
µF
1
µF
0.1
µF
0.22
µF
15
µH
15
µH
REC. & CONT.
OUTPUT
OUTPUT
START
SEQUENCE
POWER LIMITER
OUTPUT
OUTPUT
REC. & CONT.


Similar Part No. - LV49152V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV49152V ONSEMI-LV49152V Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results

Similar Description - LV49152V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com