Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV761102C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV761102C
Description  Built-in CTV Microcontroller Video and Sound Processing ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV761102C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV761102C Datasheet HTML 1Page - Sanyo Semicon Device LV761102C Datasheet HTML 2Page - Sanyo Semicon Device LV761102C Datasheet HTML 3Page - Sanyo Semicon Device LV761102C Datasheet HTML 4Page - Sanyo Semicon Device LV761102C Datasheet HTML 5Page - Sanyo Semicon Device LV761102C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV761XXX Series
No.A1398-2/6
Lineup
Type No.
SECAM
Tone/Surround
E/W
ROM
LV761102F
Flash
LV761102C
Mask
LV761112F
Flash
LV761112C
Mask
LV761122F
Flash
LV761122C
Mask
LV761132F
Flash
LV761132C
Mask
LV761202F
Flash
LV761202C
Mask
LV761222F
Flash
LV761222C
Mask
LV761232F
Flash
LV761232C
Mask
Specifications
Maximum Ratings (BIP Chip) at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
V48 max
9.0
V
V69 max
6.0
V
Maximum supply voltage
V78 max
6.0
V
I11 max
15
mA
I17 max
20
mA
Maximum supply current
I51 max
19
mA
Allowable power dissipation
Pd max
Ta
≤ 65°C *
1.3
W
Operating temperature
Topr
-10 to +65
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate : 230mm
×150mm×1.6mm, glass epoxy board.
Absolute Maximum Ratings (Micro-computer Chip) at Ta
= 25°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Maximum supply voltege
VDD max
CpuVDD
-0.3
+6.0
V
Input voltege
VI
XT1, RES
-0.3
VDD+0.3
V
VO(1)
XT2, FILT
-0.3
VDD+0.3
V
Output voltege
VO(2)
CpuVDD2
-0.3
3.3V+0.3
V
Input/output voltege
VIO
Ports0, 1
-0.3
VDD+0.3
V
Peak output
current
IOPH
Ports04 to 07, 1
•CMOS output
•For each pin.
-10
mA
Mean output
current
IOMH
Ports04 to 07, 1
•CMOS output
•For each pin.
-1
mA
High level
output current
Total output
current
ΣIOAH
Ports04 to 07, 1
The total of all pins.
-25
mA
Peak output
current
IOPL
Ports0, 1
For cach pin
20
mA
IOML(1)
P02, P03, P06, P07
Ports1
For cach pin
1
mA
Mean output
current
IOML(2)
P00, P01, P04, P05
For cach pin
8
mA
ΣIOAL(1)
P02, P03, P06, P07
Ports1
The total of all pins.
45
mA
Low lever
output current
Toral output
current
ΣIOAL(2)
P00, P01, P04, P05
The total of all pins.
16
mA


Similar Part No. - LV761102C

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7620DEV-125.0M PLETRONICS-LV7620DEV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-1K PLETRONICS-LV7620DEV-125.0M-1K Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T250 PLETRONICS-LV7620DEV-125.0M-T250 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T500 PLETRONICS-LV7620DEV-125.0M-T500 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEW-125.0M PLETRONICS-LV7620DEW-125.0M Datasheet
200Kb / 9P
   LVDS Clock Oscillators
More results

Similar Description - LV761102C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV762102F SANYO-LV762102F Datasheet
103Kb / 6P
   Built-in CTV Microcontroller Video and Sound Processing ICs
logo
TEMIC Semiconductors
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
logo
Panasonic Semiconductor
AN7396K PANASONIC-AN7396K Datasheet
249Kb / 14P
   Sound signal processing with built-in Spatializer IC
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Panasonic Semiconductor
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com