Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV761232C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV761232C
Description  Built-in CTV Microcontroller Video and Sound Processing ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV761232C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV761232C Datasheet HTML 1Page - Sanyo Semicon Device LV761232C Datasheet HTML 2Page - Sanyo Semicon Device LV761232C Datasheet HTML 3Page - Sanyo Semicon Device LV761232C Datasheet HTML 4Page - Sanyo Semicon Device LV761232C Datasheet HTML 5Page - Sanyo Semicon Device LV761232C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LV761XXX Series
No.A1398-3/6
Operating Conditions (BIP Chip) at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
V48
8.0
V
V69
5.0
V
Recommended supply voltage
V78
5.0
V
I11
11
mA
I17
13
mA
Recommended supply current
I51
13
mA
V48
7.7 to 8.3
V
V69
4.7 to 5.3
V
Operating supply voltage range
V78
4.7 to 5.3
V
I11
9 to 13
mA
I17
11 to 15
mA
Operating supply current range
I51
11 to 15
mA
Recommended Operating Range (Micro-computer Chip) at Ta
= -10°C to +65°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
Unit
Operating supply
voltege
VDD
CpuVDD
0.229
µs ≤ tCYC ≤ 200µs
4.5
5.5
V
Hold voltage
VHD
CpuVDD
RAMs and the registers data are
kept in HOLD mode.
2.0
5.5
V
VIH (1)
Ports0, 1,
P00 port input
/interrupt
4.5 to 5.5
0.3VDD
+0.7
VDD
V
VIH (2)
Port00
Watch-dog timer
4.5 to 5.5
0.9VDD
VDD
V
High level input
voltage
VIH (3)
RES
4.5 to 5.5
0.75VDD
VDD
V
VIL (1)
Ports0, 1,
P00 port input
/interrupt
4.5 to 5.5
VSS
0.1VDD
+0.4
V
VIL (2)
Port00
Watch-dog timer
4.5 to 5.5
VSS
0.15VDD
+0.4
V
Low level input
voltage
VIL (3)
RES
4.5 to 5.5
VSS
0.25VDD
V
tCYC (1)
All functions operating
4.5 to 5.5
0.231
µs
Operation cycle
time (*1)
tCYC (2)
OSD and Data slicer are not
operating
4.5 to 5.5
0.231
200
µs
FmVCO1
Built-in VCO1
Oscillation System clock
4.5 to 5.5
13.0
MHz
OCKSEL = 0
12.5
MHz
FmVCO1
(*2)
Built-in VCO2
oscillation
OSD clock
OCKSEL = 1
4.5 to 5.5
16.6
MHz
FmRC
Built-in RC oscillation
4.5 to 5.5
0.3
1.0
2.0
MHz
Oscillation
frequency range
FsX'tal
XT1 (P07)
XT2 (P06)
At the 32.768KHz crystal
oscillating
4.5 to 5.5
32.768
kHz
Oscillation
stabilizing time
tmsVCO
•after the HOLD mode
•Power-On
4.5 to 5.5
300
mS
(Note) FLASH-ROM erase/write temperature range : Ta = 25
±2°C (VDD = 4.5 to 5.5V)
(*1) Relational expression between tCYC and oscillation frequency: 1/1 frequency dividing : 3/FmVCO1, 1/2 frequency dividing : 6/FVCO1.
(*2) OCKSEL is the selectable register for OSD clock frequency. (See the LC873200 users manual for details.)


Similar Part No. - LV761232C

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7620DEV-125.0M PLETRONICS-LV7620DEV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-1K PLETRONICS-LV7620DEV-125.0M-1K Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T250 PLETRONICS-LV7620DEV-125.0M-T250 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEV-125.0M-T500 PLETRONICS-LV7620DEV-125.0M-T500 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7620DEW-125.0M PLETRONICS-LV7620DEW-125.0M Datasheet
200Kb / 9P
   LVDS Clock Oscillators
More results

Similar Description - LV761232C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV762102F SANYO-LV762102F Datasheet
103Kb / 6P
   Built-in CTV Microcontroller Video and Sound Processing ICs
logo
TEMIC Semiconductors
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
logo
Panasonic Semiconductor
AN7396K PANASONIC-AN7396K Datasheet
249Kb / 14P
   Sound signal processing with built-in Spatializer IC
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Panasonic Semiconductor
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com