Electronic Components Datasheet Search |
|
XC6216D251FR Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC6216D251FR Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 43 page 5/43 XC6216/XE6216 Series PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN VSS-0.3~30 V Output Current IOUT 300 (*1) mA Output Voltage VOUT VSS-0.3~VIN+0.3 V CE Input Voltage VCE VSS-0.3~30 V 250 SOT-25 600 (PCB mounted) (*2) 500 SOT-89-5 1300 (PCB mounted) (*2) 100 Power Dissipation USP-6C Pd 1000 (PCB mounted) (*2) mW (Ta=25℃) Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN VSS-0.3~30 V Output Current IOUT 300 (*1) mA Output Voltage VOUT VSS-0.3~VIN+0.3 V CE Input Voltage VCE VSS-0.3 ~ 30 V FB Voltage VOFB VSS-0.3 ~ 30 V 250 SOT-25 600 (PCB mounted) (*2) 500 SOT-89-5 1300 (PCB mounted) (*2) 100 Power Dissipation USP-6C Pd 1000 (PCB mounted) (*2) mW (Ta=25℃) Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN VSS-0.3~30 V Output Current IOUT 300 (*1) mA Output Voltage VOUT VSS-0.3~VIN+0.3 V SOT-89 500 300 SOT-223 1500 (PCB mounted) (*2) Power Dissipation TO-252 Pd 500 mW (Ta=25℃) Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ *1: IOUT≦Pd / (VIN-VOUT) *2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details. ● XC6216C Series ● XC6216D Series ● XC6216B Series *1: IOUT≦Pd / (VIN-VOUT) *2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details. *1: IOUT≦Pd / (VIN-VOUT) *2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details. ■ ABSOLUTE MAXIMUM RATINGS |
Similar Part No. - XC6216D251FR |
|
Similar Description - XC6216D251FR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |