Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08LL16 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC9S08LL16
Description  8-Bit HCS08 Central Processor Unit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL16 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC9S08LL16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MC9S08LL16 Series MCU Data Sheet, Rev. 4
Devices in the MC9S08LL16 Series
Freescale Semiconductor
4
Figure 1. MC9S08LL16 Series Block Diagram
8-BIT KEYBOARD
INTERRUPT (KBI)
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE (SPI)
USER FLASH B
USER RAM
ON-CHIP ICE
DEBUG MODULE (DBG)
(LL16 = 8K BYTES)
HCS08 CORE
CPU
BKGD
INT
BKP
2-CHANNEL TIMER/PWM
(TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
IRQ
LVD
LOW-POWER OSCILLATOR
INTERNAL CLOCK
Source (ICS)
SERIAL COMMUNICATIONS
2-CHANNEL TIMER/PWM
(TPM2)
(LL8 = 2K BYTES)
VLL1
VLCD
LCD
VLL2
VLL3
VCAP1
VCAP2
LCD[31:0]
V
SS
V
DD
VOLTAGE
REGULATOR
USER FLASH A
(LL8 = 8K BYTES)
PTC7/IRQ/TCLK
PTC5/TPM2CH1
PTC4/TPM2CH0
PTC3/TPM1CH1
PTB5/MOSI/SCL
PTB4/MISO/SDA
PTB3
PTB2/RESET
PTB1/XTAL
PTB0/EXTAL
PTA7/KBIP7/ADP7/ACMP–
PTA6/KBIP6/ADP6/ACMP+
PTA4/KBIP4/ADP4/LCD30
INTERFACE (SCI)
PTB7/SS
PTB6/SPSCK
PTC1/TxD
PTC0/RxD
TxD
RxD
SS
SPSCK
SCL
SDA
MOSI
MISO
VSSA/VREFL
VDDA/VREFH
XTAL
EXTAL
IRQ
KBI[7:0]
RESET
TPM2CH0
LIQUID CRYSTAL
DISPLAY DRIVER
ANALOG-TO-DIGITAL
CONVERTER (ADC)
12-BIT
ANALOG COMPARATOR
(ACMP)
ACMP+
ACMP–
AD[7:0]
TIME OF DAY MODULE
(TOD)
TPM2CH1
TCLK
TPM1CH0
TPM1CH1
TCLK
PTA1/KBIP1/SPSCK/ADP1
PTD[7:0]/LCD[7:0]
PTE[7:0]/LCD[15:8]
PTC6/ACMPO//BKGD/MS
PTC2/TPM1CH0
Pins not available on 48-pin packages.
Notes: When PTB2 is configured as RESET, pin becomes bi-directional with
output being open-drain drive containing an internal pull-up device.
(LL16 = 8K BYTES)
(LL8 = 2K BYTES)
(LL16 = 2K BYTES)
PTA5/KBIP5/ADP5/LCD31
LCD[23:16] not available on 48-pin packages.
ACMPO
BKGD/MS
When PTC6 is configured as BKGD, pin becomes bi-directional.
KEY:
PTA0/KBIP0/SS/ADP0
PTA2/KBIP2/SDA/MISO/ADP2
PTA3/KBIP3/SCL/MOSI/ADP3


Similar Part No. - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
2Mb / 31P
   Implementing a Glucometer and Blood Pressure Monitor Medical Devices
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
957Kb / 44P
   MC9S08LL16 Series
logo
NXP Semiconductors
MC9S08LL16 NXP-MC9S08LL16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com