Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6221B08BNR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6221B08BNR
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221B08BNR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6221B08BNR Datasheet HTML 2Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 3Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 4Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 5Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 6Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 7Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 8Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 9Page - Torex Semiconductor XC6221B08BNR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC6221 Series
SYMBOL
E-0
E-1
E-2
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT VOLTAGE
Standard +2% (V)
OUTPUT VOLTAGE
High Accuracy +1% (V)
DROPOUT VOLTAGE
Vdif
(mV)
VOUT(E)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
0.80
0.7700
0.8300
0.7800
0.8200
0.85
0.8200
0.8800
0.8300
0.8700
500
850
0.90
0.8700
0.9300
0.8800
0.9200
0.95
0.9200
0.9800
0.9300
0.9700
410
750
1.00
0.9700
1.0300
0.9800
1.0200
1.05
1.0200
1.0800
1.0300
1.0700
1.10
1.0700
1.1300
1.0800
1.1200
1.15
1.1200
1.1800
1.1300
1.1700
330
650
1.20
1.1700
1.2300
1.1800
1.2200
1.25
1.2200
1.2800
1.2300
1.2700
1.30
1.2700
1.3300
1.2800
1.3200
1.35
1.3200
1.3800
1.3300
1.3700
230
410
1.40
1.3700
1.4300
1.3800
1.4200
1.45
1.4200
1.4800
1.4300
1.4700
200
360
1.50
1.4700
1.5300
1.4800
1.5200
1.55
1.5200
1.5800
1.5300
1.5700
160
290
1.60
1.5700
1.6300
1.5800
1.6200
1.65
1.6200
1.6800
1.6300
1.6700
1.70
1.6700
1.7300
1.6800
1.7200
1.75
1.7200
1.7800
1.7300
1.770
160
250
1.80
1.7700
1.8300
1.7800
1.8200
1.85
1.8200
1.8800
1.8300
1.8700
1.90
1.8700
1.9300
1.8800
1.9200
1.95
1.9200
1.9800
1.9300
1.9700
125
210
2.00
1.9600
2.0400
1.9800
2.0200
2.05
2.0090
2.0910
2.0295
2.0705
2.10
2.0850
2.1420
2.0790
2.1210
2.15
2.1070
2.1930
2.1285
2.1715
2.20
2.1560
2.2440
2.1780
2.2220
2.25
2.2050
2.2950
2.2275
2.2725
2.30
2.2540
2.3460
2.2770
2.3230
2.35
2.3030
2.3970
2.3265
2.3735
2.40
2.3520
2.4480
2.3760
2.4240
2.45
2.4010
2.4990
2.4255
2.4745
115
195
2.50
2.4500
2.5500
2.4750
2.5250
2.55
2.4990
2.6010
2.5245
2.5755
2.60
2.5480
2.6520
2.5740
2.6260
2.65
2.5970
2.7030
2.6235
2.6765
2.70
2.6460
2.7540
2.6730
2.7270
2.75
2.6950
2.8050
2.7225
2.7775
2.80
2.7440
2.8560
2.7720
2.8280
2.85
2.7930
2.9070
2.8215
2.8785
2.90
2.8420
2.9580
2.8710
2.9290
2.95
2.8910
3.0090
2.9205
2.9795
95
170
OUTPUT VOLTAGE CHART


Similar Part No. - XC6221B08BNR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221B08BNR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com