Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6123C350MR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6123C350MR-G
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6123C350MR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6123C350MR-G Datasheet HTML 1Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 2Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 3Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 4Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 5Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 6Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 7Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 8Page - Torex Semiconductor XC6123C350MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
XC6121/XC6122/XC6123/XC6124 Series
PIN NUMBER
SOT-25
USP-6C
PIN NAME
FUNCTION
1
4
RESETB
Reset Output
2
5
VSS
Ground
3
2
EN/ENB
Watchdog ON/OFF Control
4
1
WD
Watchdog
5
6
VIN
Power Input
-
3
NC
No Connection
■PIN CONFIGURATION
SOT-25
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
* The dissipation pad for the USP-6C package should be
solder-plated in recommended mount pattern and metal
masking so as to enhance mounting strength and heat
release. If the pad needs to be connected to other pins, it
should be connected to the VSS (No. 5) pin.
■PIN ASSIGNMENT


Similar Part No. - XC6123C350MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6123C350MR TOREX-XC6123C350MR Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results

Similar Description - XC6123C350MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com