Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6221B302NR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6221B302NR-G
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221B302NR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6221B302NR-G Datasheet HTML 5Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 6Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 7Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 8Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 9Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 10Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 11Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 12Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
XC6221
Series
OPERATIONAL EXPLANATION (Continued)
<Current Limiter, Short-Circuit Protection>
The XC6221 series’ fold-back circuit operates as an output current limiter and a short protection circuit for the output pin.
When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops.
When the output pin is short-circuited to the VSS pin, the current falls and reaches about 30mA.
<CE Pin>
The XC6221 internal circuitry can be shutdown via the CE pin signal. In shutdown mode, output at the VOUT pin will be
pulled down to the VSS level via R1 & R2. However, with the XC6221B/D series, the CL auto-discharge resistor is
connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin
reaches the VSS level is shorter. For the XC6221A/B, the output voltage becomes unstable, when the CE pin is left
open. For the XC6221C/D, the output voltage becomes VSS level because the CE pin is short-circuited to VSS via an
internal pull-down resistor. However, the CE input current will be increased via a pull-down resistor when the IC
operates. If this IC is used with the correct output voltage for the CE pin, the logic is fixed and the IC will operate
normally. However, the supply current may increase as a result of shoot-through current in the IC's internal circuitry
when a medium voltage is input.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
NOTES ON USE


Similar Part No. - XC6221B302NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221B302NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com