Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFR-PAT3042SD-C-16-T Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # HFR-PAT3042SD-C-16-T
Description  High Frequency Surface Mount Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT3042SD-C-16-T Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  HFR-PAT3042SD-C-16-T Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT3042SD-C-16-T Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-PAT3042SD-C-16-T Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Series Issue October 2006
PAT
High Frequency
Surface Mount Attenuators
Dimensions (mm)
L
2.00 ±0.10
W
1.25 ±0.10
t
0.40 ±0.10
a
0.50 ±0.20
b
0.60 ±0.20
W1
0.40 ±0.20
W2
0.40 ±0.20
W3
0.35 ±0.20
b1
0.70 ±0.10
b2
0.50 ±0.10
b3
0.70 ±0.10
a1
0.80 ±0.10
a2
2.30 ±0.10
Temperature in °C
25°
70°
125°
0
60
100
Power Derating Curve
1
Schematic Diagram Data
2
3
3
3
1
2
3
3
39
Ordering Data
Prefix
HFR - PAT1220 - C - 3dB - T(5)
Model
PAT1220; PAT1632; PAT3042SD (75W);
PAT3042SC(50W)
Attenuation
0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 16, 20dB
Impedence
C = 50W; D = 75W
Package
T=Tape, B=Bulk, Taping Quantity Unit:5 (5000), 1 (1000)
Ambient Temperature (°C)
Sheet 3 of 3


Similar Part No. - HFR-PAT3042SD-C-16-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT3042SLF-C-0-B IRCTT-HFR-PAT3042SLF-C-0-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-0-T IRCTT-HFR-PAT3042SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-1-B IRCTT-HFR-PAT3042SLF-C-1-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-1-T IRCTT-HFR-PAT3042SLF-C-1-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-10-B IRCTT-HFR-PAT3042SLF-C-10-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT3042SD-C-16-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com