Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF-W1210LF-02-1001-F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # PCF-W1210LF-02-1001-F
Description  Precision Thin Film Nichrome Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PCF-W1210LF-02-1001-F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  PCF-W1210LF-02-1001-F Datasheet HTML 1Page - IRC - a TT electronics Company. PCF-W1210LF-02-1001-F Datasheet HTML 2Page - IRC - a TT electronics Company. PCF-W1210LF-02-1001-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCF Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Thin Film Nichrome
Chip Resistor
Physical Data
Dimensions (mm)
Model
L
W
H
a
b
PCF0201LF
0.024±0.002
0.012±0.002
0.009±0.002
0.005±0.002
0.005±0.002
PCF0402LF
0.039±0.002
0.020±0.002
0.012±0.002
0.008±0.004
0.008±0.004
PCF0603LF
0.061±0.004
0.031±0.004
0.018±0.004
0.012±0.008
0.012±0.008
PCF0805LF
0.079±0.007
0.049±0.007
0.021±0.004
0.012±0.008
0.016±0.010
PCF1206LF
0.120±0.007
0.061±0.007
0.021±0.004
0.016±0.008
0.014±0.010
PCF1210LF
0.126±0.008
0.102±0.008
0.018±0.002
0.020±0.008
0.018±0.008
PCF2010LF
0.193±0.007
0.094±0.007
0.021±0.004
0.023±0.005
0.020±0.010
PCF2512LF
0.248±0.007
0.122±0.007
0.021±0.004
0.023±0.005
0.020±0.010
L
a
W
H
b
SIDE
BO TTOM
TOP
Ordering Data
Prefix
PCF -
W1206LF
- 03 - 1001 -
B -
P
-
LT
Model
W0201LF, W0402LF, W0603LF, W0805LF, W1206LF, W1210LF, W2010LF, W2512LF
Note: LF = 100% matte tin, Pb-free terminations
TCR Characteristic
01=±100ppm/°C, 02=±50ppm/°C,
03=±25ppm/°C, 12=±10ppm/°C
13=±5ppm/°C
Resistance Code
Standard 4-digit resistance code. Examples: 1004=1.0MΩ, 1003=100KΩ, 51R0=51Ω
Tolerance Code
F= ±1%, D=±0.5%, C=±0.25%, B=±0.1%, A=±0.05%, T=±0.01%
Tape Type
P=Paper, E=Plastic
Tape & Reel Packaging
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.


Similar Part No. - PCF-W1210LF-02-1001-F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCF-1 COOPER-PCF-1 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PCF-1 EATON-PCF-1 Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCF-1-1/2 COOPER-PCF-1-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
PCF-1/2 COOPER-PCF-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Tyco Electronics
PCF-106D2M MACOM-PCF-106D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
More results

Similar Description - PCF-W1210LF-02-1001-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com