Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF-W2512LF-12-1001-F Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # PCF-W2512LF-12-1001-F
Description  Precision Thin Film Nichrome Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PCF-W2512LF-12-1001-F Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  PCF-W2512LF-12-1001-F Datasheet HTML 1Page - IRC - a TT electronics Company. PCF-W2512LF-12-1001-F Datasheet HTML 2Page - IRC - a TT electronics Company. PCF-W2512LF-12-1001-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCF Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Precision Thin Film Nichrome
Chip Resistor
Test Conditions
Test Method
Performance
Tolerance ≤ 0.05%
Tolerance > 0.05%
Short-time Overload
JIS-C-5202-5.5
5 Seconds at 2.5 X Rated Voltage
(not to exceed 2 X Max Voltage)
±0.05% (+0.05Ω)
±0.5% (+0.05Ω)
Thermal Shock
MIL-STD-202 Method 107
100 Cycles
-55°C to 150°C
±0.05% (+0.05Ω)
±0.25% (+0.05Ω)
Humidity (Steady State)
MIL-STD-202 Method 103
1000 Hours 40°C 90-95% RH
1.5 Hours On / 0.5 Hours Off
Rated Voltage
±0.05% (+0.05Ω)
±0.3% (+0.05Ω)
Load Life
R ≤ 7.0KΩ
MIL-STD-202 Method 108
1000 Hours 70°C
1.5 Hours On / 0.5 Hours Off
Rated Voltage, Rated Power
±0.05% (+0.05Ω)
±0.2% (+0.05Ω)
R > 7.0KΩ
±0.5% (+0.05Ω)
±0.5% (+0.05Ω)
High Temperature Exposure
JIS-C-5202-7.2
96 Hours 155°C
±0.05% (+0.05Ω)
±0.2% (+0.05Ω)
Low Temperature Operation
JIS-C-5202-7.2
96 Hours 155°C
±0.05% (+0.05Ω)
±0.2% (+0.05Ω)
Resistance to Solder Heat
MIL-STD-202 Method 210
10 ±1 Seconds 260°C
±0.05% (+0.05Ω)
±0.2% (+0.05Ω)
Solderability
MIL-STD-202 Method 208
3 ±0.5 Seconds 235°C
95% Min Coverage
Power Derating Curve
25
70
155
100
50
0
Ambient Temperature (°C)
Packaging Data
Chip Size
Tape Type
Reel Quantity
0201
Paper
5,000
0402
Paper
10,000
0603
Paper
5,000
0805
Paper
5,000
1206
Paper
5,000
1210
Paper or Plastic
5,000
2010
Plastic
4,000
2512
Plastic
4,000


Similar Part No. - PCF-W2512LF-12-1001-F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCF-1 COOPER-PCF-1 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PCF-1 EATON-PCF-1 Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCF-1-1/2 COOPER-PCF-1-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
PCF-1/2 COOPER-PCF-1/2 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Tyco Electronics
PCF-106D2M MACOM-PCF-106D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
More results

Similar Description - PCF-W2512LF-12-1001-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com