Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL00295-WCRG2617 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00295-WCRG2617
Description  SMD LED Bi-Color Right Angle 1104 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00295-WCRG2617 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00295-WCRG2617 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<10µA)…………….……………….……..…..…...…….…... 5.0V
Max Forward Current.……….………………………………………….…… 30mA
Peak Forward Current (Green) (1/10 Duty Cycle, 0.1ms Pulse Width) .…..………. 100mA
Operating Temperature Range…………………………...….…… -40°C to + 85°C
Storage Temperature Range………………………………..…….. -40°C to + 85°C
Reflow Soldering Temperature………………………...….… 260°C for 10 seconds
Power Dissipation (Red)…………………...……………………………...… 72mW
Power Dissipation (Green)…………….……….…………………………… 78mW
Peak Forward Current (Red) (1/10 Duty Cycle, 0.1ms Pulse Width) …..…………. 150mA
PL00295 Series SMD LED Bi-Color Right Angle 1104 Package
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Water Clear Lens
nm
nm
Deg
Typ
Max
Min
Typ
PL00295-WCRG2617
Red
Yellow Green
AlGaInP
AlGaInP
630
570
650
574
120°
2.1
2.0
2.6
2.4
35.0
35.0
70.0
70.0
Luminous
Intensity
@20mA (mcd)
2.0
1.0
2.0
0.58
0.8
0.2
Polarity Mark
0.4
1
2
3
Recommended Solder Pad Layout
All dimensions are in Millimeters.
Tolerance is ± 0.25mm unless otherwise specified.
0.35
3.0
3
2
1
A
B
0.35
1.0
02-23-07 Rev 0 RS
2.0
.3
5.0
1.5
2.1
0.9
0.9
B=Green
A=Red
1
2
3
*Oval Lens Side View Package 3.0 x 2.0 x 1.0mm
*AlGaInP Ultra Bright Red and Green Chip used
*Low Current Requirements
*High Light Output
*Compatible with IR Solder-Process
*Industry Standard Footprint
*2000 or 1000 pcs per Reel
*RoHS Compliant


Similar Part No. - PL00295-WCRG2617

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00295-WCGY1708 P-TEC-PL00295-WCGY1708 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
More results

Similar Description - PL00295-WCRG2617

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00295-WCGY1708 P-TEC-PL00295-WCGY1708 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
PL00291-WCY02 P-TEC-PL00291-WCY02 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCA03 P-TEC-PL00291-WCA03 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCY01 P-TEC-PL00291-WCY01 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCG05 P-TEC-PL00291-WCG05 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCR26 P-TEC-PL00291-WCR26 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCR25 P-TEC-PL00291-WCR25 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCW03 P-TEC-PL00291-WCW03 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCG13 P-TEC-PL00291-WCG13 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
PL00291-WCR12 P-TEC-PL00291-WCR12 Datasheet
32Kb / 1P
   SMD LED Right Angle 1104 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com