Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1914 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1914
Description  5V to 35V Hot Swap Power Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1914 Datasheet(HTML) 4 Page - Texas Instruments

  UC1914 Datasheet HTML 1Page - Texas Instruments UC1914 Datasheet HTML 2Page - Texas Instruments UC1914 Datasheet HTML 3Page - Texas Instruments UC1914 Datasheet HTML 4Page - Texas Instruments UC1914 Datasheet HTML 5Page - Texas Instruments UC1914 Datasheet HTML 6Page - Texas Instruments UC1914 Datasheet HTML 7Page - Texas Instruments UC1914 Datasheet HTML 8Page - Texas Instruments UC1914 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
UC1914
UC2914
UC3914
PIN DESCRIPTIONS
CT: A capacitor is connected to this pin in order to set
the maximum fault time. The minimum fault time must be
more than the time to charge external load capacitance.
The fault time is defined as:
T
CT
I
FAULT
CH
= •
2
where ICH = 100µA+IPL, where IPL is the current into the
power limit pin. Once the fault time is reached the output
will shutdown for a time given by:
T
CT
I
SD
DIS
= •
2
where IDIS is nominally 3µA.
FAULT: Open collector output which pulls low upon any
of the following conditions: Timer fault, Shutdown, UVLO.
This pin MUST be pulled up to VCC or another supply
through a suitable impedance.
GND: Ground reference for the IC.
IMAX: This pin programs the maximum allowable
sourcing current. Since REF is a –2V reference (with re-
spect to VCC), a voltage divider can be derived from
VCC to REF in order to generate the program level for
the IMAX pin. The current level at which the output ap-
pears as a current source is equal to the voltage on the
IMAX pin, with respect to VCC, divided by the current
sense resistor. If desired, a controlled current startup can
be programmed with a capacitor on IMAX to VCC.
LR: If this pin is held high and a fault occurs, the timer
will be prevented from resetting the fault latch when CT is
discharged below the reset comparator threshold. The
part will not retry until this pin is brought to a logic low or
a power-on-reset occurs. Pulling this pin low before the
reset time is reached will not clear the fault until the reset
time is reached. Floating or holding this pin low will result
in the part repeatedly trying to reset itself if a fault oc-
curs.
OUT: Output drive to the MOSFET pass element. Inter-
nal clamping ensures that the maximum VGS drive is
15V.
OSC, OSCB: Complementary output drivers for interme-
diate charge pump stages. A 0.01
µF capacitor should be
placed between OSC and PMP, and OSCB and PMPB.
PLIM: This feature ensures that the average MOSFET
power dissipation is controlled. A resistor is connected
from this pin to VCC. Current will flow into PLIM which
adds to the fault timer charge current, reducing the duty
cycle from the typical 3% level. When IPL >> 100
µA then
the average MOSFET power dissipation is given by:
PFET_AVG = IMAX • 3 • 10
–6 •R
PL.
PMP, PMPB: Complementary pins which couple charge
pump capacitors to internal diodes and are used to pro-
vide charge to the reservoir capacitor tied to VPUMP.
Typical capacitor values used are 0.01
µF.
REF: –2V reference with respect to VCC used to pro-
gram the IMAX pin voltage. A 0.1
µF ceramic or tantalum
capacitor MUST be tied between this pin and VCC to en-
sure proper operation of the chip.
SD: When this TTL compatible input is brought to a logic
low, the output of the linear amplifier is driven low,
FAULT is pulled low and the IC is put into a low power
mode. The ABSOLUTE maximum voltage that can be
placed on this pin is 12V.
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C for the UC3914, –40°C to 85°C for the
UC2914, and –55°C to 125°C for the UC1914. VCC = 12V, VPUMP =VPUMP(max), SD = 5V, CP1 = CP2 = CPUMP = 0.01
µF.
TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Latch Section
LR Threshold
High to Low
0.6
1.4
2.0
V
Input Current
LR = 5V
500
750
µA
Power Limiting Section
Duty Cycle Control
In Fault, IPLIM = 200
µA
0.6
1.3
2.0
%
In Fault, IPLIM = 3mA
0.05
0.12
0.20
%
Overload Section
Delay to Output
(Note 1)
500
1250
ns
Threshold
Respect to IMAX
–250
–200
–150
mV
Note 1: Guaranteed by design. Not 100% tested in production.
Note 2: A mathematical averaging is used to determine this value. See Application Section for more information.


Similar Part No. - UC1914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
UC1910 TI1-UC1910_08 Datasheet
250Kb / 7P
[Old version datasheet]   4-Bit DAC and Voltage Monitor
More results

Similar Description - UC1914

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com