Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG4000CX-90DA Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FG4000CX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG4000CX-90DA Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FG4000CX-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG4000CX-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG4000CX-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG4000CX-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug.1998
10.0
8.0
6.0
4.0
2.0
9.0
7.0
5.0
3.0
1.0
0
100
0
20
40
60
80 90
10
30
50
70
tgt
td
IT = 4000A
VD = 2250V
diT/dt = 500A/
µs
diG/dt = 20A/
µs
Tj = 125°C
8000
6000
5000
3000
1000
0
140
–60
–20
20
60
100
2000
4000
7000
VD = 5 ~ 20V
IT = 25 ~ 200A
HALF SINE WAVE
4800
3600
3000
1800
600
0
1200
0
1200
2400
4200
300
600
900
θ = 30°
60°
90°
120°
180°
RESISTIVE,
INDUCTIVE
LOAD
θ
360°
8000
6000
5000
3000
1000
0
2000
0
2000
4000
7000
500
1000
1500
DC
270°
θ = 30°
60°
90°
120°
180°
360°
θ
RESISTIVE,
INDUCTIVE
LOAD
140
120
110
90
70
60
2000
0
80
100
130
500
1000
1500
360°
θ
RESISTIVE,
INDUCTIVE
LOAD
θ = 30°
180°
DC
270°
60°
120°
90°
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
(TYPICAL)
TURN ON GATE CURRENT (A)
TURN ON TIME, TURN ON DELAY TIME
VS. TURN ON GATE CURRENT
(TYPICAL)
130
110
100
80
60
50
1200
0
70
90
120
300
600
900
θ = 30°
60°
90°
RESISTIVE,
INDUCTIVE
LOAD
θ
360°
120°
180°
MITSUBISHI GATE TURN-OFF THYRISTORS
FG4000CX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE


Similar Part No. - FG4000CX-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FG4000CX-90DA POWEREX-FG4000CX-90DA Datasheet
74Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG4000CX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com