Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-D1206-02-1003-3301-DA Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # PFC-D1206-02-1003-3301-DA
Description  TaNFilm Precision Chip Voltage Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-D1206-02-1003-3301-DA Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  PFC-D1206-02-1003-3301-DA Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-D1206-02-1003-3301-DA Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-D1206-02-1003-3301-DA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PFC Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Chip
Voltage Divider
Test
Method
∆R/R
∆Ratio
Thermal Shock
MIL-STD-202
-65 to +125°C, 5 Cycles
±.02%
±.005%
Short Time Overload
MIL-PRF-55342
±.02%
±.005%
High Temperature Exposure
MIL-PRF-55342
±.03%
±.01%
Resistance to Bond Exposure
MIL-PRF-55342
±.01%
±.01%
Moisture Resistance
MIL-STD-202
10 Cycles, 240 hours
10% Rated Power
±.03%
±.02%
Load Life
(Rated Power)
MIL-PRF-55342
70°C, 1000 hours
±.03%
±.01%
Low Temperature Operation
MIL-PRF-55342
±.01%
±.005%
Recommended Solder Pad
Physical Data
TOP
SIDE
BOTTOM
0.035"
0.0315"
0.058"
0.0895"
0.0725"
0.180"
0.050"
0.0225”
0.015 ±0.005
"
"
0.030" min
0.058" ±.005”
0.010" ±0.004”
0.027" ±0.003”
0.126 ±0.006
"
0.015 ±0.005
"
0.024 ±0.004
"
"
R2
R1
R1
R2
0.063" ±.005”
Dimensions are in inches
Environmental Data


Similar Part No. - PFC-D1206-02-1003-3301-DA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-D TTELEC-PFC-D Datasheet
585Kb / 3P
   Tested for COTS applications
More results

Similar Description - PFC-D1206-02-1003-3301-DA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
IRC - a TT electronics ...
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com