Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFR-PAT3042SD-C-8-B Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-PAT3042SD-C-8-B
Description  High Frequency Surface Mount Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT3042SD-C-8-B Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-PAT3042SD-C-8-B Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT3042SD-C-8-B Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-PAT3042SD-C-8-B Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Series Issue October 2006
High Frequency
Surface Mount Attenuators
PAT Series
Frequency operation to 10 GHz
Industry standard 0805, 1206, 1612 chip sizes
Low parasitic capacitance and inductance
Thin film stability over time and temperature
Electrical Data
PAT1220
PAT1632
PAT3042SC
PAT3042SD
Impedance
50W
50W
50W
75W
Frequency Range
DC to 10 GHz
DC to 3GHz
DC to 3GHz
DC to 2GHz
VSWR
1.3
1.3
1.2
1.3
Attenuation
0, 1, 2, 3, 4, 5, 6,
7, 8, 9, 10dB
0, 1, 2, 3, 4, 5,
6, 7, 8, 9, 10, 16dB
0, 1, 2, 3, 4, 5,
6, 7, 8, 9, 10, 16, 20dB
Attenuation Tolerance
±0.3dB
0 to 10dB: ±0.3dB
16dB: ±0.5dB
0 to 10dB: ±0.3dB
16, 20dB: ±0.5dB
TCR
±50ppm/°C
±50ppm/°C
±25ppm/°C
Power Rating
100mW
125mW
250mW
Operating Temperature Range
-55°C to +125°C
The PAT chip attenuator series are available in a wide range of power
ratings from 100mW to 250mW. The surface mount package is ideal for
applications where parasitic capacitance and inductance are concerns. Typical applications include wireless
communication receivers and transmitters.
Test Condition
Tolerance
Attenuation
∆ Impedance
Short Time Overload
2.5 x rated voltage, 5 sec
±0.02dB
±0.2%
Load Life
1000 Hours, 70°C
±0.04dB
±0.5%
Moisture Resistance
1000 Hours, 60°C, 95%
±0.04dB
±0.5%
Temperature Cycle
5 Cycles, 125°C High, -55 Low
±0.02dB
±0.2%
Resistance to Solder Heat
260°C, 10 sec.
±0.02dB
±0.2%
Terminal Strength
Fulcrum dist: 90mm, Bending width: 3mm
Substrate: Glass epoxy t=1.6mm
±0.02dB
±0.2%
Solderability
235°C, 3 sec.
>95% coverage
Insulation Resistance
500V, 1 minute
>1000MW
Environmental Data
PAT
Sheet 1 of 3
37


Similar Part No. - HFR-PAT3042SD-C-8-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT3042SLF-C-0-B IRCTT-HFR-PAT3042SLF-C-0-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-0-T IRCTT-HFR-PAT3042SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-1-B IRCTT-HFR-PAT3042SLF-C-1-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-1-T IRCTT-HFR-PAT3042SLF-C-1-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042SLF-C-10-B IRCTT-HFR-PAT3042SLF-C-10-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT3042SD-C-8-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com