Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST10 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACST10
Description  Transient protected AC power switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST10 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACST10 Datasheet HTML 4Page - STMicroelectronics ACST10 Datasheet HTML 5Page - STMicroelectronics ACST10 Datasheet HTML 6Page - STMicroelectronics ACST10 Datasheet HTML 7Page - STMicroelectronics ACST10 Datasheet HTML 8Page - STMicroelectronics ACST10 Datasheet HTML 9Page - STMicroelectronics ACST10 Datasheet HTML 10Page - STMicroelectronics ACST10 Datasheet HTML 11Page - STMicroelectronics ACST10 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ordering information scheme
ACST10
8/12
2.2
AC line transient voltage ruggedness
In comparison with standard TRIACs, which are not robust against surge voltage, the
ACST10 is self-protected against over-voltage, specified by the new parameter VCL. The
ACST10 switch can safely withstand AC line transient voltages either by clamping the low
energy spikes or by switching to the on state (for less than 10 ms) to dissipate higher energy
shocks through the load. This safety feature works even with high turn-on current rises.
The test circuit of Figure 17 represents the ACST10 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. Thanks to the load which
is limiting the current, the ACST switch withstands the voltage spikes up to 2 kV above the
peak line voltage. The protection is based on an overvoltage crowbar technology. The
ACST10 switches safely to the on state as shown in Figure 18. The ACST10 recovers its
blocking voltage capability after the surge. Such a non repetitive test can be done at least 10
times on each AC line voltage polarity.
3
Ordering information scheme
Figure 19.
Ordering information scheme
Figure 17.
Overvoltage ruggedness test circuit
for resistive and inductive loads for
IEC 61000-4-5 standards
Figure 18.
Typical current and voltage
waveforms across the ACST10
during IEC 61000-4-5 standard test
L
AC Mains
R
Filtering unit
Rg
Model of the load
Rgene
Surge generator
ACST12
2kV surge
C
L
R = 8
, L = 4 µH, Vsurge = 2 kV
Ω
V
OUT
I
OUT
V
PEAK =V CL
ACST 10 - 7 C T
AC Switch
On-state rms current
Repetitive peak off-state voltage
Triggering gate current
Package
10 = 10A
7 = 700V
S = 10 mA
C = 35 mA
FP = TO-220FPAB
T = TO-220AB


Similar Part No. - ACST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST10 STMICROELECTRONICS-ACST10 Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
More results

Similar Description - ACST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
   A logic-level transient-voltage protected AC switch
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com