Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBP120BVDK6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBP120BVDK6F
Description  Overvoltage protection device with thermal shutdown
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120BVDK6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBP120BVDK6F Datasheet HTML 4Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 5Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 6Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 7Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 8Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 9Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 10Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 11Page - STMicroelectronics STBP120BVDK6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Pin descriptions
STBP120
8/36
Doc ID 15492 Rev 4
2.4
Enable input (EN)
This logical input (active-low) can be used to enable or disable the device. When EN input is
driven high, the STBP120 enters the standby mode and the power output is disconnected
from the input. When EN input is driven low and all operating conditions are within specified
limits, the power output is connected to the input.
Since the EN input has no internal pull-down resistor, its logical level must be defined by the
controller or by an external resistor. If there is no need to use this input, it should be
connected to the GND.
To improve safety and to prevent damage to application circuits in the event of extreme
voltage or current conditions, an optional protective resistor REN can be connected between
the EN input and the controller output. The suitable resistor value is in range of 22 k
Ω to
100 k
Ω.
The EN input level has no impact on the functionality of FLT output (see Figure 8 and
Figure 9).
2.5
No Connect (NC)
Pins 1, 8, 9 and exposed pads PAD1, PAD2 are No Connect. Pin 1 and exposed pads PAD1,
PAD2 may be tied to IN or GND if necessary.
2.6
Ground (GND)
Ground. All voltages are referenced to GND.
Table 1.
Pin description and signal names
Pin
Name
Type
Function
1, PAD1, PAD2
NC
No Connect. May be tied to IN or GND.
2
GND
Supply
Ground
3FLT
Output
Fault indication output (open-drain)
4, 5
IN
Input / supply
Input voltage
6, 7
OUT
Output
Output voltage
8, 9
NC
No Connect
10
EN
Input
Enable input (no internal pull-down resistor)


Similar Part No. - STBP120BVDK6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110ATDJ6F STMICROELECTRONICS-STBP110ATDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AUDJ6F STMICROELECTRONICS-STBP110AUDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AVDJ6F STMICROELECTRONICS-STBP110AVDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110BTDJ6F STMICROELECTRONICS-STBP110BTDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
More results

Similar Description - STBP120BVDK6F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
logo
STMicroelectronics
STBP112 STMICROELECTRONICS-STBP112 Datasheet
818Kb / 38P
   Overvoltage protection device
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com