Electronic Components Datasheet Search |
|
PCF-W0805LF-01-1001-B Datasheet(PDF) 3 Page - IRC - a TT electronics Company. |
|
PCF-W0805LF-01-1001-B Datasheet(HTML) 3 Page - IRC - a TT electronics Company. |
3 / 3 page PCF Series Issue January 2009 Sheet 3 of 3 • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Precision Thin Film Nichrome Chip Resistor Physical Data Dimensions (mm) Model L W H a b PCF0201LF 0.024±0.002 0.012±0.002 0.009±0.002 0.005±0.002 0.005±0.002 PCF0402LF 0.039±0.002 0.020±0.002 0.012±0.002 0.008±0.004 0.008±0.004 PCF0603LF 0.061±0.004 0.031±0.004 0.018±0.004 0.012±0.008 0.012±0.008 PCF0805LF 0.079±0.007 0.049±0.007 0.021±0.004 0.012±0.008 0.016±0.010 PCF1206LF 0.120±0.007 0.061±0.007 0.021±0.004 0.016±0.008 0.014±0.010 PCF1210LF 0.126±0.008 0.102±0.008 0.018±0.002 0.020±0.008 0.018±0.008 PCF2010LF 0.193±0.007 0.094±0.007 0.021±0.004 0.023±0.005 0.020±0.010 PCF2512LF 0.248±0.007 0.122±0.007 0.021±0.004 0.023±0.005 0.020±0.010 L a W H b SIDE BO TTOM TOP Ordering Data Prefix PCF - W1206LF - 03 - 1001 - B - P - LT Model W0201LF, W0402LF, W0603LF, W0805LF, W1206LF, W1210LF, W2010LF, W2512LF Note: LF = 100% matte tin, Pb-free terminations TCR Characteristic 01=±100ppm/°C, 02=±50ppm/°C, 03=±25ppm/°C, 12=±10ppm/°C 13=±5ppm/°C Resistance Code Standard 4-digit resistance code. Examples: 1004=1.0MΩ, 1003=100KΩ, 51R0=51Ω Tolerance Code F= ±1%, D=±0.5%, C=±0.25%, B=±0.1%, A=±0.05%, T=±0.01% Tape Type P=Paper, E=Plastic Tape & Reel Packaging For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. |
Similar Part No. - PCF-W0805LF-01-1001-B |
|
Similar Description - PCF-W0805LF-01-1001-B |