Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV623 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV623
Description  Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV623 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV623 Datasheet HTML 5Page - STMicroelectronics TSV623 Datasheet HTML 6Page - STMicroelectronics TSV623 Datasheet HTML 7Page - STMicroelectronics TSV623 Datasheet HTML 8Page - STMicroelectronics TSV623 Datasheet HTML 9Page - STMicroelectronics TSV623 Datasheet HTML 10Page - STMicroelectronics TSV623 Datasheet HTML 11Page - STMicroelectronics TSV623 Datasheet HTML 12Page - STMicroelectronics TSV623 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TSV62x
Electrical characteristics
Doc ID 15689 Rev 2
9/25
φm
Phase margin
RL = 10 kΩ, CL = 100 pF
40
Degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
8
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF, AV = 1
0.12
0.19
V/
μs
en
Equivalent input noise
voltage
f = 1 kHz
77
THD+en
Total harmonic distortion +
noise
Av = 1, f = 1 kHz, RL= 100 kΩ,
Vicm = Vcc/2, Vout = 2 Vpp
0.002
%
1.
Guaranteed by design.
Table 6.
VCC+ = +5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 7.
Shutdown characteristics at VCC = 5 V (TSV623, TSV625)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VIL
550
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL = 5 kΩ, Vout = VCC- to VCC- + 0.2 V
200
ns
toff
Amplifier turn-off time
RL = 5 kΩ, Vout = VCC+ - 0.5 V to
VCC + - 0.7 V
20
ns
VIH
SHDN logic high
2
V
VIL
SHDN logic low
0.8
V
IIH
SHDN current high
SHDN = VCC+
10
pA
IIL
SHDN current low
SHDN = VCC-
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN = VCC-
50
pA
Tmin < Top < 125° C
1
nA


Similar Part No. - TSV623

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV623 STMICROELECTRONICS-TSV623 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV623A STMICROELECTRONICS-TSV623A Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV623AIST STMICROELECTRONICS-TSV623AIST Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV623IST STMICROELECTRONICS-TSV623IST Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results

Similar Description - TSV623

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com