Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28158 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28158
Description  Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28158 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28158_08 Datasheet HTML 1Page - Intersil Corporation ISL28158_08 Datasheet HTML 2Page - Intersil Corporation ISL28158_08 Datasheet HTML 3Page - Intersil Corporation ISL28158_08 Datasheet HTML 4Page - Intersil Corporation ISL28158_08 Datasheet HTML 5Page - Intersil Corporation ISL28158_08 Datasheet HTML 6Page - Intersil Corporation ISL28158_08 Datasheet HTML 7Page - Intersil Corporation ISL28158_08 Datasheet HTML 8Page - Intersil Corporation ISL28158_08 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN6377.3
August 29, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V to V+ +0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Charge Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1500V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
120
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
160
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
8 Ld SOIC
-300
-650
3.1
300
650
µV
6 Ld SOT-23
-550
-750
5
550
750
µV
8 Ld MSOP
-350
-700
3
350
700
µV
Input Offset Voltage vs Temperature
0.3
µV/°C
IOS
Input Offset Current
TA = -40°C to +85°C
-35
-80
±5
35
80
pA
IB
Input Bias Current
TA = -40°C to +85°C
-30
-80
±1
30
80
pA
VCM
Common-Mode Voltage Range
Guaranteed by CMRR
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
75
70
98
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5.5V
80
75
98
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ to VCM
100
75
220
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ to VCM
45
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ to VCM
5.3
6
20
mV
Output low, RL = 1kΩ to VCM
135
150
250
mV
Output high, RL = 100kΩ to VCM
4.992
4.990
4.996
V
Output high, RL = 1kΩ to VCM
4.84
4.77
4.874
V
ΔV
OS
ΔT
----------------
ISL28158, ISL28258


Similar Part No. - ISL28158_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28158EVAL1Z RENESAS-ISL28158EVAL1Z Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28158FBZ INTERSIL-ISL28158FBZ Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FBZ RENESAS-ISL28158FBZ Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28158FBZ-T7 INTERSIL-ISL28158FBZ-T7 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FBZ-T7 RENESAS-ISL28158FBZ-T7 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Similar Description - ISL28158_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
   4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com