Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV623IST Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV623IST
Description  Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV623IST Datasheet(HTML) 1 Page - STMicroelectronics

  TSV623IST Datasheet HTML 1Page - STMicroelectronics TSV623IST Datasheet HTML 2Page - STMicroelectronics TSV623IST Datasheet HTML 3Page - STMicroelectronics TSV623IST Datasheet HTML 4Page - STMicroelectronics TSV623IST Datasheet HTML 5Page - STMicroelectronics TSV623IST Datasheet HTML 6Page - STMicroelectronics TSV623IST Datasheet HTML 7Page - STMicroelectronics TSV623IST Datasheet HTML 8Page - STMicroelectronics TSV623IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
June 2009
Doc ID 15689 Rev 2
1/25
25
TSV622, TSV623, TSV624, TSV625
Rail-to-rail input/output 29 µA 420 kHz CMOS operational amplifiers
Features
Rail-to-rail input and output
Low power consumption: 29 µA typ, 36 µA max
Low supply voltage: 1.5 – 5.5 V
Gain bandwidth product: 420 kHz typ
Unity gain stability
Low power shutdown mode: 5 nA typ
Good accuracy: 800 µV max (A version)
Low input bias current: 1 pA typ
Micropackages: MiniSO-8, SOT23-8,
MiniSO-10, TSSOP14, TSSOP16
EMI hardened operational amplifiers
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 to +125° C
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV622, TSV623, TSV624 and TSV625 dual
and quad operational amplifiers offer low voltage,
low power operation and rail-to-rail input and
output.
The TSV62x series features an excellent
speed/power consumption ratio, offering a
420 kHz gain bandwidth product while consuming
only 29 µA at a 5 V supply voltage. These op-
amps are unity gain stable for capacitive loads up
to 100 pF. They also feature an ultra-low input
bias current and low input offset voltage.
TSV623 (dual) and TSV625 (quad) have two
shutdown pins in order to reduce power
consumption.
These features make the TSV62x family ideal for
sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSSOP-14
MiniSO-8
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV623IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV623IST STMICROELECTRONICS-TSV623IST Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results

Similar Description - TSV623IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com