Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28233FUZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28233FUZ
Description  Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28233FUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28233FUZ Datasheet HTML 6Page - Intersil Corporation ISL28233FUZ Datasheet HTML 7Page - Intersil Corporation ISL28233FUZ Datasheet HTML 8Page - Intersil Corporation ISL28233FUZ Datasheet HTML 9Page - Intersil Corporation ISL28233FUZ Datasheet HTML 10Page - Intersil Corporation ISL28233FUZ Datasheet HTML 11Page - Intersil Corporation ISL28233FUZ Datasheet HTML 12Page - Intersil Corporation ISL28233FUZ Datasheet HTML 13Page - Intersil Corporation ISL28233FUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6560.1
May 29, 2009
Applications Information
Functional Description
The ISL28133 uses a proprietary auto-zero architecture
(Figure 34) that combines a 400kHz main amplifier with a
very high open loop gain (200dB) chopper stabilized
amplifier to achieve very low offset voltage and drift (2µV,
0.02µV/°C typical) while consuming only 18µA of supply
current per channel.
This multi-path amplifier architecture contains a time
continuous main amplifier whose input DC offset is corrected
by a parallel-connected, high gain chopper stabilized DC
correction amplifier operating at 100kHz. From DC to ~5kHz,
both amplifiers are active with DC offset correction and most
of the low frequency gain is provided by the chopper
amplifier. A 5kHz crossover filter cuts off the low frequency
amplifier path leaving the main amplifier active out to the
400kHz gain-bandwidth product of the device.
The key benefits of this architecture for precision
applications are very high open loop gain, very low DC
offset, and low 1/f noise. The noise is virtually flat across the
frequency range from a few millihertz out to 100kHz, except
for the narrow noise peak at the amplifier crossover
frequency (5kHz).
Rail-to-rail Input and Output (RRIO)
The RRIO CMOS amplifier uses parallel input PMOS and
NMOS that enable the inputs to swing 100mV beyond either
supply rail. The inverting and non-inverting inputs do not
have back-to-back input clamp diodes and are capable of
maintaining high input impedance at high differential input
voltages. This is effective in eliminating output distortion
caused by high slew-rate input signals.
The output stage uses common source connected PMOS
and NMOS devices to achieve rail-to-rail output drive
capability with 17mA current limit and the capability to swing
to within 20mV of either rail while driving a 10k
Ω load.
IN+ and IN- Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. For applications
where either input is expected to exceed the rails by 0.5V, an
external series resistor must be used to ensure the input
currents never exceed 20mA (Figure 35).
Layout Guidelines for High Impedance Inputs
To achieve the maximum performance of the high input
impedance and low offset voltage of the ISL28X33 amplifiers,
care should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid
leakage currents between adjacent traces. Surface coating of
the circuit board will reduce surface moisture and provide a
humidity barrier, reducing parasitic resistance on the board.
The use of guard rings around the amplifier inputs will further
reduce leakage currents. Figure 36 shows how the guard ring
should be configured. The guard ring does not need to be a
specific width, but it should form a continuous loop around
both inputs. By setting the guard ring voltage equal to the
voltage at the non-inverting input, parasitic capacitance is
minimized as well.
High Gain, Precision DC Coupled Amplifier
The circuit in Figure 37 implements a single-stage DC
coupled amplifier with an input DC sensitivity of under 100nV
that is only possible using a low VOS amplifier with high
open loop gain. High gain DC amplifiers operating from low
FIGURE 34. ISL28x33 FUNCTIONAL BLOCK DIAGRAM
VOUT
IN-
IN+
5kHz CROSSOVER
FILTER
CHOPPER STABILIZED DC OFFSET CORRECTION
MAIN AMPLIFIER
FIGURE 35. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
ISL28133
IN
V+
FIGURE 36. USE OF GUARD RINGS TO REDUCE LEAKAGE
HIGH IMPEDANCE INPUT
GUARD RING
PC TRACE
+
-
ISL28133, ISL28233, ISL28433


Similar Part No. - ISL28233FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Renesas Technology Corp
ISL28233FUZ RENESAS-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results

Similar Description - ISL28233FUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com