Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28227FBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28227FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28227FBZ Datasheet HTML 4Page - Intersil Corporation ISL28227FBZ Datasheet HTML 5Page - Intersil Corporation ISL28227FBZ Datasheet HTML 6Page - Intersil Corporation ISL28227FBZ Datasheet HTML 7Page - Intersil Corporation ISL28227FBZ Datasheet HTML 8Page - Intersil Corporation ISL28227FBZ Datasheet HTML 9Page - Intersil Corporation ISL28227FBZ Datasheet HTML 10Page - Intersil Corporation ISL28227FBZ Datasheet HTML 11Page - Intersil Corporation ISL28227FBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6633.0
May 29, 2009
FIGURE 25. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±15V
Pin Descriptions
ISL28127
(8 LD SOIC)
ISL28227
(8 LD SOIC)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
3
+IN_A
Circuit 1
Amplifier A non-inverting input
4
4
V-
Circuit 3
Negative power supply
5
+IN_B
Circuit 1
Amplifier B non-inverting input
6
-IN_B
Circuit 1
Amplifier B inverting input
7VOUTB
Circuit 2
Amplifier B output
7
8
V+
Circuit 3
Positive power supply
61
VOUTA
Circuit 2
Amplifier A output
2
2
-IN_A
Circuit 1
Amplifier A inverting input
1, 5, 8
NC
-
No internal connection
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
CAPACITANCE (pF)
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
OV
ER
SH
OO
T +
VS = ±15V
RL = 10k
AV = 1
VOUT = 100mVP-P
OV
ER
SH
OO
T -
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED
ESD CLAMP
ISL28127, ISL28227


Similar Part No. - ISL28227FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28227FBZ RENESAS-ISL28227FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28227FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com